データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CCR-39S940-R データシート(PDF) 9 Page - Teledyne Technologies Incorporated

部品番号 CCR-39S940-R
部品情報  Latching Coaxial Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TELEDYNE [Teledyne Technologies Incorporated]
ホームページ  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCR-39S940-R データシート(HTML) 9 Page - Teledyne Technologies Incorporated

Back Button CCR-39S940-R Datasheet HTML 5Page - Teledyne Technologies Incorporated CCR-39S940-R Datasheet HTML 6Page - Teledyne Technologies Incorporated CCR-39S940-R Datasheet HTML 7Page - Teledyne Technologies Incorporated CCR-39S940-R Datasheet HTML 8Page - Teledyne Technologies Incorporated CCR-39S940-R Datasheet HTML 9Page - Teledyne Technologies Incorporated CCR-39S940-R Datasheet HTML 10Page - Teledyne Technologies Incorporated CCR-39S940-R Datasheet HTML 11Page - Teledyne Technologies Incorporated CCR-39S940-R Datasheet HTML 12Page - Teledyne Technologies Incorporated CCR-39S940-R Datasheet HTML 13Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
© 2013 TELEDYNE RELAYS
(800) 284-7007 • www.teledynecoax.com
CCR-39S/CR-39S Page 9
CCR-39S\CR-39S\072013\Q3
Series CCR-39S/CR-39S
Multi-Throw DC-18 GHz/DC-22 GHz
Latching Coaxial Switch
COAX SWITCHES
Power Handling vs. Frequency
Estimates based on the following reference conditions:
• Ambient temperature of 40°C or less
• Sea level operation
• Load VSWR of 1.20:1 maximum
• No high-power (hot) switching
Please contact Teledyne Coax Switches for derating factors when applications do not meet the foregoing reference conditions.
TYPICAL POWER PERFORMANCE CURVE
3000
Frequency GHz
2000
1000
800
600
400
300
200
100
80
60
40
30
20
10
.1
.2
.3 .4
.6 .8 1
2
4
6 8 10
18
STANDARD
SMA
SWITCHES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13