| データシートサーチシステム |
|
CCR-39S65C-R データシート(PDF) 4 Page - Teledyne Technologies Incorporated |
|
|
|||||||||||||||||||||||||||||
CCR-39S65C-R データシート(HTML) 4 Page - Teledyne Technologies Incorporated |
|
4 / 13 page ![]() CCR-39S/CR-39S Page 4 SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE © 2013 TELEDYNE COAX SWITCHES CCR-39S\CR-39S\072013\Q3 Series CCR-39S/CR-39S Multi-Throw DC-18 GHz/DC-22 GHz Latching Coaxial Switch COAX SWITCHES TRUTH TABLE Latching CCR-39SX4C-TD Logic Input RF Path Indicator Switches 123 J1 J2 J3 J4 Reset E F G H 000 On Off Off Off Off C 000 100 Off On Off Off Off 0 C 00 010 Off Off On Off Off 0 0 C 0 1 1 0 Off Off Off On Off 0 0 0 C 0 1 1 Off Off Off Off Reset 0 0 0 0 111 COIL OFF 0 0 0 0 TRUTH TABLE Latching CCR-39SX3C-TD Logic Input RF Path Indicator Switches 123 J1 J2 J3 Reset E F G 000 On Off Off Off C 00 100 Off On Off Off 0 C 0 010 Off Off On Off 0 0 C 0 1 1 Off Off Off Reset 0 0 0 111 COIL OFF 0 0 0 TRUTH TABLE Latching CCR-39SX3C-T Logic Input RF Path Indicator Switches 123 R J1 J2 J3 Reset E F G 1000 On Off Off Off C 00 0100 Off On Off Off 0 C 0 0010 Off Off On Off 0 0 C TRUTH TABLE Latching CCR-39SX4C-T Logic Input RF Path Indicator Switches 1234 R J1 J2 J3 J4 Reset E F G H 10000 On Off Off Off Off C 000 01000 Off On Off Off Off 0 C 00 00100 Off Off On Off Off 0 0 C 0 00010 Off Off Off On Off 0 0 0 C |