| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 750-352-040-000 Datasheet
# Example questions:
➢ What are the different awg wire gauges supported by the 750-977, 750-978, and 750-979 series of ethernet connectors?
➢ Besides different colors, what distinguishes the 750-978 series connectors from the 750-977 series?
➢ What communication protocols are enabled by the 750-921 bluetooth adapter and 750-923 configuration cable?
# WAGO 750-352/040-000 Fieldbus Coupler
## Overview
️· Connects ETHERNET to the WAGO I/O System.
️· Supports EtherNet/IP and MODBUS networks.
️· Designed for extreme environments (extended temperature, high EMC immunity, vibration/shock resistance).
## Technical Data
️· Communication: EtherNet/IP, Modbus (TCP, UDP), ETHERNET (HTTP, BootP, DHCP, DNS, SNMP, FTP)
️· Baud Rate: 10/100 Mbit/s
️· Transmission Medium: Twisted Pair S-UTP (Cat. 5, 100m max.)
️· Modules per Node: Max. 64
️· Process Image: 1020 Words (Input/Output)
️· Supply Voltage (System): 24 VDC (via CAGE CLAMP® connector)
️· Power Consumption: 450mA (5V), 700mA (Total)
️· Operating Temperature: -40…70°C
️· Protection Type: IP20
## Connection Data
️· Communication/Fieldbus: 2x RJ-45
️· System Supply: 2x CAGE CLAMP®
️· Configuration: 1x 4-pole male connector
️· Conductor Size: 0.25 - 1.5 mm² / 24-16 AWG
## Physical Characteristics
️· Width: 49.5 mm
️· Height: 96.8 mm
️· Depth: 71.9 mm
️· Mounting: DIN-35 Rail
️· Weight: 80.6 g
## Approvals
️· ATEX, CCCEx, EAC, IECEx, UL, KC, ABS, DNV GL, LR, PRS, UL
## Accessories (Optional)
️· Shield clamping saddles
️· Steel/Aluminum Carrier Rails
️· Marking Accessories
️· Configuration & Communication Cables (USB, Bluetooth)
️· IP65 Enclosures
# WAGO 750-352/040-000 Fieldbus Coupler
## Overview
️· Connects ETHERNET to the WAGO I/O System.
️· Supports EtherNet/IP and MODBUS networks.
️· Designed for extreme environments (extended temperature, high EMC immunity, vibration/shock resistance).
## Technical Data
️· Communication: EtherNet/IP, Modbus (TCP, UDP), ETHERNET (HTTP, BootP, DHCP, DNS, SNMP, FTP)
️· Baud Rate: 10/100 Mbit/s
️· Transmission Medium: Twisted Pair S-UTP (Cat. 5, 100m max.)
️· Modules per Node: Max. 64
️· Process Image: 1020 Words (Input/Output)
️· Supply Voltage (System): 24 VDC (via CAGE CLAMP® connector)
️· Power Consumption: 450mA (5V), 700mA (Total)
️· Operating Temperature: -40…70°C
️· Protection Type: IP20
## Connection Data
️· Communication/Fieldbus: 2x RJ-45
️· System Supply: 2x CAGE CLAMP®
️· Configuration: 1x 4-pole male connector
️· Conductor Size: 0.25 - 1.5 mm² / 24-16 AWG
## Physical Characteristics
️· Width: 49.5 mm
️· Height: 96.8 mm
️· Depth: 71.9 mm
️· Mounting: DIN-35 Rail
️· Weight: 80.6 g
## Approvals
️· ATEX, CCCEx, EAC, IECEx, UL, KC, ABS, DNV GL, LR, PRS, UL
## Accessories (Optional)
️· Shield clamping saddles
️· Steel/Aluminum Carrier Rails
️· Marking Accessories
️· Configuration & Communication Cables (USB, Bluetooth)
️· IP65 Enclosures
| Part No. | 750-352-040-000 |
| Manufacturer | WAGO |
| Size | 654 Kbytes |
| Pages | 13 pages |
| Description | Fieldbus Coupler ETHERNET; 3rd Generation; Extreme |