データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

750-352-040-000 データシート(PDF) 10 Page - WAGO Kontakttechnik GmbH & Co. KG

部品番号 750-352-040-000
部品情報  Fieldbus Coupler ETHERNET; 3rd Generation; Extreme
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
ホームページ  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG

750-352-040-000 データシート(HTML) 10 Page - WAGO Kontakttechnik GmbH & Co. KG

Back Button 750-352-040-000 Datasheet HTML 5Page - WAGO Kontakttechnik GmbH & Co. KG 750-352-040-000 Datasheet HTML 6Page - WAGO Kontakttechnik GmbH & Co. KG 750-352-040-000 Datasheet HTML 7Page - WAGO Kontakttechnik GmbH & Co. KG 750-352-040-000 Datasheet HTML 8Page - WAGO Kontakttechnik GmbH & Co. KG 750-352-040-000 Datasheet HTML 9Page - WAGO Kontakttechnik GmbH & Co. KG 750-352-040-000 Datasheet HTML 10Page - WAGO Kontakttechnik GmbH & Co. KG 750-352-040-000 Datasheet HTML 11Page - WAGO Kontakttechnik GmbH & Co. KG 750-352-040-000 Datasheet HTML 12Page - WAGO Kontakttechnik GmbH & Co. KG 750-352-040-000 Datasheet HTML 13Page - WAGO Kontakttechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Data sheet | Item number: 750-352/040-000
www.wago.com/750-352/040-000
Subject to changes. Please also observe the further product documentation!
WAGO Kontakttechnik GmbH & Co. KG
Hansastr. 27
32423 Minden
Phone: +49571 887-0 | Fax: +49571 887-169
Email: info.de@wago.com | Web: www.wago.com
Do you have any questions about our products?
We are always happy to take your call at +49 (571) 887-44222.
19.08.2021    Page
/
10 13
Item no.: 750-923/000-001
Configuration cable; USB connector; Length: 5 m
www.wago.com/750-923
/000-001
System housing
Item no.: 850-804
IP65 enclosure; Stainless steel; WxHxD (400x123x200 mm); 4 x M20, 16 x M16, 28 x M12 cable grip
www.wago.com/850-804
Item no.: 850-804/000-001
IP65 enclosure; Stainless steel; WxHxD (400x123x200 mm); 2 x M20, 13 x M16, 32 x M12 cable grip
www.wago.com/850-804
/000-001
Item no.: 850-805
IP65 enclosure; Stainless steel; WxHxD (600x123x200 mm); 4 x M20, 19 x M16, 67 x M12 cable grip
www.wago.com/850-805
Item no.: 850-814/002-000
IP65 enclosure; Sheet steel (RAL 7035); WxHxD (200x120x200 mm); without flange plate
www.wago.com/850-814
/002-000
Item no.: 850-815/002-000
IP65 enclosure; Sheet steel (RAL 7035); WxHxD (300x120x200 mm); without flange plate
www.wago.com/850-815
/002-000
Item no.: 850-816/002-000
IP65 enclosure; Sheet steel (RAL 7035); WxHxD (400x120x200 mm); without flange plate
www.wago.com/850-816
/002-000
Item no.: 850-817/002-000
IP65 enclosure; Sheet steel (RAL 7035); WxHxD (600x120x200 mm); without flange plate
www.wago.com/850-817
/002-000
Item no.: 850-825
IP65 enclosure; Aluminium (RAL 7032); WxHxD (160x100x160 mm); 9 x M12, 4 x M20
www.wago.com/850-825
Item no.: 850-826
IP65 enclosure; Aluminium (RAL 7032); WxHxD (240x100x160 mm); 4 x M20, 4 x M16, 14 x M12 cable
grip
www.wago.com/850-826
Item no.: 850-826/002-000
IP65 enclosure; Aluminium (RAL 7035); WxHxD (240x100x160 mm); 4 x M20, 4 x M16, 14 x M12 cable
grip
www.wago.com/850-826
/002-000
Item no.: 850-827
IP65 enclosure; Aluminium (RAL 7032); WxHxD (320x100x160 mm); 4 x M20, 8 x M16, 17 x M12 cable
grip
www.wago.com/850-827
Item no.: 850-827/002-000
IP65 enclosure; Aluminium (RAL 7035); WxHxD (320x100x160 mm); 4 x M20, 8 x M16, 17 x M12 cable
grip
www.wago.com/850-827
/002-000
Item no.: 850-828
IP65 enclosure; Aluminium (RAL 7032); WxHxD (480x100x160 mm); 4 x M20, 10 x M16, 35 x M12 cable
grip
www.wago.com/850-828
Item no.: 850-828/002-000
IP65 enclosure; Aluminium (RAL 7035); WxHxD (480x100x160 mm); 4 x M20, 10 x M16, 35 x M12 cable
www.wago.com/850-828



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com