データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

750-352-040-000 データシート(PDF) 3 Page - WAGO Kontakttechnik GmbH & Co. KG

部品番号 750-352-040-000
部品情報  Fieldbus Coupler ETHERNET; 3rd Generation; Extreme
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
ホームページ  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG

750-352-040-000 データシート(HTML) 3 Page - WAGO Kontakttechnik GmbH & Co. KG

  750-352-040-000 Datasheet HTML 1Page - WAGO Kontakttechnik GmbH & Co. KG 750-352-040-000 Datasheet HTML 2Page - WAGO Kontakttechnik GmbH & Co. KG 750-352-040-000 Datasheet HTML 3Page - WAGO Kontakttechnik GmbH & Co. KG 750-352-040-000 Datasheet HTML 4Page - WAGO Kontakttechnik GmbH & Co. KG 750-352-040-000 Datasheet HTML 5Page - WAGO Kontakttechnik GmbH & Co. KG 750-352-040-000 Datasheet HTML 6Page - WAGO Kontakttechnik GmbH & Co. KG 750-352-040-000 Datasheet HTML 7Page - WAGO Kontakttechnik GmbH & Co. KG 750-352-040-000 Datasheet HTML 8Page - WAGO Kontakttechnik GmbH & Co. KG 750-352-040-000 Datasheet HTML 9Page - WAGO Kontakttechnik GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Data sheet | Item number: 750-352/040-000
www.wago.com/750-352/040-000
Subject to changes. Please also observe the further product documentation!
WAGO Kontakttechnik GmbH & Co. KG
Hansastr. 27
32423 Minden
Phone: +49571 887-0 | Fax: +49571 887-169
Email: info.de@wago.com | Web: www.wago.com
Do you have any questions about our products?
We are always happy to take your call at +49 (571) 887-44222.
19.08.2021    Page /
3 13
Total current (system supply)
700 mA
 
Input current (typ.) at nominal load (24 V)
280 mA
 
Power supply efficiency (typ.) at nominal load (24 V)
90 %
 
Rated surge voltage
1 kV
Ratings per
IEC/EN 60664-1
Derating
Derating (supply voltage): Surrounding air temperatures under
laboratory conditions: (-25 … +30 %); for -40 … +55 °C: 24 V (-25 …
+20 %); for +55 … +70 °C: 24 V (-25 … +10 %); Lower limit in all
temperature ranges: −27.5 % (including 15 % residual ripple)
Connection data
Connection technology: communication/fieldbus
EtherNet/IP
: 2 x RJ-45; Modbus TCP/UDP: 2 x RJ-45
TM
Connection technology: system supply
2 x CAGE CLAMP
®
Connection technology: device configuration
1 x Male connector; 4-pole
Connection type (1)
System supply
Solid conductor
0.25 … 1.5 mm² / 24 … 16 AWG
Fine-stranded conductor
0.25 … 1.5 mm² / 24 … 16 AWG
Strip length
5 … 6 mm / 0.2 … 0.24 inch
Physical data
Width
49.5 mm / 1.949 inch
Height
96.8 mm / 3.811 inch
Depth
71.9 mm / 2.831 inch
Depth from upper edge of DIN-rail
64.7 mm / 2.547 inch
Mechanical data
Mounting type
DIN-35 rail
Material data
Color
dark gray
Housing material
Polycarbonate; polyamide 6.6
Fire load
0.173 MJ
 
Weight
80.6 g
 
Conformity marking
CE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com