| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 1504460000 Datasheet
# Example questions:
➢ What file extensions are used for the downloadable engineering data and user documentation?
➢ What is the magnetic isolation protection level of the ethernet ports?
➢ What are the supported baud rates for serial communication?
# IE-GW-MB-2TX-1RS232/485 Modbus Gateway
## General Information
️· Type: Modbus TCP/Serial Gateway
️· Order No.: 1504460000
️· GTIN (EAN): 4050118312423
️· Discontinued: Available until 2022-02-01, alternative product 2682600000
️· IP Rating: IP30
️· Operating Temperature: 0 °C...60 °C
## Communication & Interfaces
️· Modes: RTU Slave (up to 16 TCP masters, 31 serial slaves), RTU Master (1 serial master, up to 31 TCP slaves)
️· Ethernet Ports: 2x RJ45, 10/100BaseT(X), Auto MDI/MDI-X
️· Serial Ports: 1x DB9 (RS-232), 1x Terminal Block (RS-422/485)
️· Baud Rate: 50 bit/s to 921.6 kbit/s
️· Serial Cable Protection: 15 KV ESD Protection
️· RS485 Control: ADDC® (automatic data direction control)
️· Magnetic Isolation: 1.5 kV
## Technical Specifications
️· Dimensions: 29 mm (W) x 124.5 mm (H) x 89.2 mm (D)
️· Weight: 190 g
️· Storage Temperature: -40 °C...85 °C
️· Humidity: 5 to 95 % (non-condensing)
️· Power Supply: 12/24/48 V DC, 2 redundant inputs. (12V: 0.435A, 24V: 0.218A, 48V: 0.109A)
️· MTBF: 210,794 h
## Software & Configuration
️· Configuration: Web console, serial console, Telnet console, Windows utility
️· Software: Modbus Gateway Administrator
️· Operating Modes: RTU Slave, RTU Master, ASCII Slave, ASCII Master
️· Features: Serial Redirection, Priority Control
## Compliance & Approvals
️· REACH: SVHC Lead 7439-92-1
️· EMC: FCC Part 15 Class A, EN 55022 Class A, EN 61000-4 series
️· Safety: UL 508, UL 60950-1, EN 60950-1
️· Explosive Risk Zone: UL/cUL Class I, Division 2, Groups A, B, C, and D
️· Approvals: RoHS, UL File Number E230683
## Classifications
️· ETIM: 6.0/7.0/8.0 EC000734
️· ECLASS: 9.0 19-17-01-06, 9.1 19-17-01-06, 10.0 19-17-04-02, 11.0 19-17-04-02
# IE-GW-MB-2TX-1RS232/485 Modbus Gateway
## General Information
️· Type: Modbus TCP/Serial Gateway
️· Order No.: 1504460000
️· GTIN (EAN): 4050118312423
️· Discontinued: Available until 2022-02-01, alternative product 2682600000
️· IP Rating: IP30
️· Operating Temperature: 0 °C...60 °C
## Communication & Interfaces
️· Modes: RTU Slave (up to 16 TCP masters, 31 serial slaves), RTU Master (1 serial master, up to 31 TCP slaves)
️· Ethernet Ports: 2x RJ45, 10/100BaseT(X), Auto MDI/MDI-X
️· Serial Ports: 1x DB9 (RS-232), 1x Terminal Block (RS-422/485)
️· Baud Rate: 50 bit/s to 921.6 kbit/s
️· Serial Cable Protection: 15 KV ESD Protection
️· RS485 Control: ADDC® (automatic data direction control)
️· Magnetic Isolation: 1.5 kV
## Technical Specifications
️· Dimensions: 29 mm (W) x 124.5 mm (H) x 89.2 mm (D)
️· Weight: 190 g
️· Storage Temperature: -40 °C...85 °C
️· Humidity: 5 to 95 % (non-condensing)
️· Power Supply: 12/24/48 V DC, 2 redundant inputs. (12V: 0.435A, 24V: 0.218A, 48V: 0.109A)
️· MTBF: 210,794 h
## Software & Configuration
️· Configuration: Web console, serial console, Telnet console, Windows utility
️· Software: Modbus Gateway Administrator
️· Operating Modes: RTU Slave, RTU Master, ASCII Slave, ASCII Master
️· Features: Serial Redirection, Priority Control
## Compliance & Approvals
️· REACH: SVHC Lead 7439-92-1
️· EMC: FCC Part 15 Class A, EN 55022 Class A, EN 61000-4 series
️· Safety: UL 508, UL 60950-1, EN 60950-1
️· Explosive Risk Zone: UL/cUL Class I, Division 2, Groups A, B, C, and D
️· Approvals: RoHS, UL File Number E230683
## Classifications
️· ETIM: 6.0/7.0/8.0 EC000734
️· ECLASS: 9.0 19-17-01-06, 9.1 19-17-01-06, 10.0 19-17-04-02, 11.0 19-17-04-02
| Part No. | 1504460000 |
| Manufacturer | WEIDMULLER |
| Size | 232 Kbytes |
| Pages | 4 pages |
| Description | Modbus TCP/Modbus Seriell Gateway |