データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

USB2224 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about USB2224 Datasheet

  • # Example questions: ➢ What is the function of the cf_iordy signal?
    ➢ What is the purpose of the 'n' symbol in signal names like cf_ncs1, and how does it affect understanding the signal's active state?
    ➢ Describe the data flow on the cf_d[7:0] and cf_d[15:0] signals during true ide mode operation.

  • Part No.USB2224
    ManufacturerSMSC
    Size167 Kbytes
    Pages20 pages
    DescriptionBus Powered USB2.0 Flash Media Controller
    Datasheet Summary with AI

    Okay, here's a summary of the provided datasheet excerpts for the SMSC USB2224, a chip designed to interface with flash memory cards (CompactFlash primarily) and provide USB connectivity.

    Core Functionality:

    ️· Flash Memory Support: The chip is designed to interface with CompactFlash (CF) cards in True IDE mode, acting as a bridge between the CF card and a host system (likely via USB).
    ️· USB Connectivity: While not explicitly detailed in these excerpts, it is implied the chip is used in a USB-based device to enable access to the flash memory cards.
    ️· IDE Emulation: The chip emulates an IDE (Integrated Drive Electronics) interface for the CF card, allowing a host system to treat the card as a standard hard drive.

    Key Features & Details (from the excerpts):

    ️· CompactFlash Interface: Provides signals for data transfer (CF\_D\[15:0]), control (CF\_nCS0, CF\_nCS1), addressing (CF\_SA0-SA2), interrupt (CF\_IRQ), card detection (CF\_nCD1, CF\_nCD2), and IDE signaling (CF\_IORDY).
    ️· True IDE Mode: Supports CF cards operating in True IDE mode.
    ️· Signal Types: The datasheet categorizes signals by type: input, output, bidirectional (I/O), and input pull-up/pull-down (IPU/IPD).
    ️· Signal Descriptions: Detailed descriptions are provided for each pin, explaining its function and active state (high or low).
    ️· Buffer Types: Specifies the drive strength of the output buffers (e.g., O8).

    What's Not Covered:

    ️· USB Interface Details: The datasheet excerpt doesn’t describe the USB specifics (USB version, endpoint configuration, etc.).
    ️· Power Management: There's no information about power-saving features or voltage regulation.

    ️· Firmware/Software: The excerpts don't mention any firmware or software requirements.
    ️· Block Diagram Explanation: The block diagram provides a high-level view of the internal architecture but lacks detailed explanations.



    In essence, these excerpts focus on the *hardware interface* between the chip and the CompactFlash card. It provides the necessary pin assignments and signal descriptions to design a hardware system that can read and write to the flash memory card.

    Core Functionality:

    ️· Flash Memory Support: The chip is designed to interface with CompactFlash (CF) cards in True IDE mode, acting as a bridge between the CF card and a host system (likely via USB).
    ️· USB Connectivity: While not explicitly detailed in these excerpts, it is implied the chip is used in a USB-based device to enable access to the flash memory cards.
    ️· IDE Emulation: The chip emulates an IDE (Integrated Drive Electronics) interface for the CF card, allowing a host system to treat the card as a standard hard drive.

    Key Features & Details (from the excerpts):

    ️· CompactFlash Interface: Provides signals for data transfer (CF\_D\[15:0]), control (CF\_nCS0, CF\_nCS1), addressing (CF\_SA0-SA2), interrupt (CF\_IRQ), card detection (CF\_nCD1, CF\_nCD2), and IDE signaling (CF\_IORDY).
    ️· True IDE Mode: Supports CF cards operating in True IDE mode.
    ️· Signal Types: The datasheet categorizes signals by type: input, output, bidirectional (I/O), and input pull-up/pull-down (IPU/IPD).
    ️· Signal Descriptions: Detailed descriptions are provided for each pin, explaining its function and active state (high or low).
    ️· Buffer Types: Specifies the drive strength of the output buffers (e.g., O8).

    What's Not Covered:

    ️· USB Interface Details: The datasheet excerpt doesn’t describe the USB specifics (USB version, endpoint configuration, etc.).
    ️· Power Management: There's no information about power-saving features or voltage regulation.
    ️· Firmware/Software: The excerpts don't mention any firmware or software requirements.
    ️· Block Diagram Explanation: The block diagram provides a high-level view of the internal architecture but lacks detailed explanations.



    In essence, these excerpts focus on the *hardware interface* between the chip and the CompactFlash card. It provides the necessary pin assignments and signal descriptions to design a hardware system that can read and write to the flash memory card.

    Part No.USB2224
    ManufacturerSMSC
    Size167 Kbytes
    Pages20 pages
    DescriptionBus Powered USB2.0 Flash Media Controller