データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AP7335 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AP7335 Datasheet

  • # Example questions: ➢ What is the recommended capacitance value for the output capacitor to ensure stability and what esr range should it have?
    ➢ How is the output voltage calculated and what is the constraint on the value of resistor r2?
    ➢ Describe the function of the thermal shutdown protection and how it operates.

  • Part No.AP7335
    ManufacturerDIODES
    Size237 Kbytes
    Pages18 pages
    Description300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
    Datasheet Summary with AI

    1. Overview

    ️· The AP7335 is a 300mA Low Dropout (LDO) regulator.
    ️· It's designed for portable and low-power applications.
    ️· Key features include:
    - Ultra-fast start-up (typically 220µs)
    - Fast transient response
    - Low quiescent current (around 35µA)
    - Wide output voltage range (0.8V to 5.0V)

    2. Application Notes - Key Recommendations & Functions

    ️· Input Capacitor: Essential for stability. A 1µF ceramic capacitor is recommended, located as close as possible to the IN and GND pins. Wider copper traces are needed for these pins.
    ️· Output Capacitor: Required for stability and improved transient response. At least 1µF with ESR > 15mΩ is recommended.
    ️· Adjustable Output Voltage: The output voltage is adjustable through a resistor divider. Formula: `VOUT = VREF * (1 + R2/R1)`, where `VREF = 0.8V`. `R2` should be kept below 80kΩ.
    ️· No Load Stability: The device remains stable even with no load.
    ️· Enable (EN) Pin:
    - High = Output ON
    - Low = Output OFF
    - If not used, tie to IN to keep the regulator on.
    ️· Current Limit Protection: Limits output current to approximately 600mA.
    ️· Short Circuit Protection: Limits output current to approximately 140mA.
    ️· Thermal Shutdown Protection: Disables the output if the junction temperature reaches approximately 145°C, re-enables at 130°C.
    ️· Power Dissipation Calculation: `P_D = (V_IN - V_OUT) * I_OUT`. Thermal management is critical to prevent shutdown.
    - `P_D(max@T_A) = (T_J(max) - T_A) / RθJA`

    3. Key Features & Benefits (Summarized from Application Notes)

    ️· Fast Transient Response: Stable voltage supply for DSP and GSM.
    ️· Low Quiescent Current: Extends battery life.
    ️· Wide Output Range: Versatile for many portable applications.
    ️· Ultra-Fast Startup: Enables quick transitions in standby mode.

    4. Important Considerations

    ️· Component Placement: Critical for input and output capacitor placement (close to the AP7335).
    ️· Thermal Management: Necessary to avoid thermal shutdown, particularly at higher currents and with lower ambient temperatures.

    1. Overview

    ️· The AP7335 is a 300mA Low Dropout (LDO) regulator.
    ️· It's designed for portable and low-power applications.
    ️· Key features include:
    - Ultra-fast start-up (typically 220µs)
    - Fast transient response
    - Low quiescent current (around 35µA)
    - Wide output voltage range (0.8V to 5.0V)

    2. Application Notes - Key Recommendations & Functions

    ️· Input Capacitor: Essential for stability. A 1µF ceramic capacitor is recommended, located as close as possible to the IN and GND pins. Wider copper traces are needed for these pins.
    ️· Output Capacitor: Required for stability and improved transient response. At least 1µF with ESR > 15mΩ is recommended.
    ️· Adjustable Output Voltage: The output voltage is adjustable through a resistor divider. Formula: `VOUT = VREF * (1 + R2/R1)`, where `VREF = 0.8V`. `R2` should be kept below 80kΩ.
    ️· No Load Stability: The device remains stable even with no load.
    ️· Enable (EN) Pin:
    - High = Output ON
    - Low = Output OFF
    - If not used, tie to IN to keep the regulator on.
    ️· Current Limit Protection: Limits output current to approximately 600mA.
    ️· Short Circuit Protection: Limits output current to approximately 140mA.
    ️· Thermal Shutdown Protection: Disables the output if the junction temperature reaches approximately 145°C, re-enables at 130°C.
    ️· Power Dissipation Calculation: `P_D = (V_IN - V_OUT) * I_OUT`. Thermal management is critical to prevent shutdown.
    - `P_D(max@T_A) = (T_J(max) - T_A) / RθJA`

    3. Key Features & Benefits (Summarized from Application Notes)

    ️· Fast Transient Response: Stable voltage supply for DSP and GSM.
    ️· Low Quiescent Current: Extends battery life.
    ️· Wide Output Range: Versatile for many portable applications.
    ️· Ultra-Fast Startup: Enables quick transitions in standby mode.

    4. Important Considerations

    ️· Component Placement: Critical for input and output capacitor placement (close to the AP7335).
    ️· Thermal Management: Necessary to avoid thermal shutdown, particularly at higher currents and with lower ambient temperatures.

    Part No.AP7335
    ManufacturerDIODES
    Size237 Kbytes
    Pages18 pages
    Description300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator