データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM25V02 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about FM25V02 Datasheet

  • # Example questions: ➢ Describe the function of the /hold pin and explain the timing constraints that must be met when using it to pause and resume a serial operation.
    ➢ Explain how the block protect bits (bp0 and bp1) function and how they interact with the wpen bit and the /w pin to provide write protection for different sections of memory.
    ➢ What are the key differences between a standard read operation and a fast read operation on the fm25v02, and when might you choose one over the other?

  • Part No.FM25V02
    ManufacturerCYPRESS
    Size549 Kbytes
    Pages17 pages
    Description256Kb Serial 3V F-RAM Memory
    Datasheet Summary with AI

    1. General Overview & Key Features

    ️· What it is: The FM25V02 is a 256kb SPI FRAM (Ferroelectric RAM) device. FRAM combines the speed of RAM with the non-volatility of Flash memory.
    ️· Fast Writes: Enables fast write speeds, avoiding the need for page buffers common in Serial Flash.
    ️· Low Power: Includes a Sleep Mode for reduced power consumption.
    ️· Compatibility: Designed to be compatible with Serial Flash devices, including support for the FAST READ operation.

    2. Pin Functions & Signals

    ️· /S (Serial Clock): The primary clock signal for all operations.
    ️· C (Serial Data Input): Used for sending commands and data to the device.
    ️· D (Serial Data Output): Used for receiving data from the device.
    ️· /HOLD: Can be used to interrupt serial operations without aborting them. Must be toggled while `/S` is low.
    ️· Q (Data Output): The data output pin.

    3. Operating Modes & Commands

    ️· Read: Uses the `READ` OpCode followed by a two-byte address.
    ️· Write: Requires a `WREN` (Write Enable) OpCode, followed by a `WRITE` OpCode, then a two-byte address, then the data to be written. Data is written MSB first.
    ️· Fast Read: Similar to Read, but includes a dummy byte for latency. Uses the `FAST READ` OpCode, followed by a two-byte address and then a dummy byte.
    ️· Sleep Mode: Enters low power mode using the `SLEEP` OpCode. The device monitors `/S`. The device returns to normal operation on the next falling edge of `/S`.
    ️· Device ID Read (RDID): Uses the `RDID` OpCode to read Manufacturer ID and Product ID.

    4. Memory Organization & Addressing

    ️· Memory Size: 256kb
    ️· Addressing: Uses 16-bit addresses (A14-A0).
    ️· Address Rollover: When the maximum address (7FFFh) is reached, the counter rolls over to 0000h.

    5. Write Protection

    ️· WREN: Requires Write Enable before writing.
    ️· WPEN (Write Protection Enable): Controlled by the Status Register, allows to ignore the `/W` signal.
    ️· Block Protection (BP0, BP1): Enable write protection for different memory blocks. Block protection table shown in the document.

    6. Sleep Mode Details

    ️· Entry: Uses the SLEEP OpCode (B9h).
    ️· Wakeup: Requires a falling edge of /S to return to normal operation (t REC, 400 μs max).

    7. Device Identification (RDID)

    ️· Function: Allows to read manufacturer ID and product ID.
    ️· Opcode: RDID (9Fh).

    1. General Overview & Key Features

    ️· What it is: The FM25V02 is a 256kb SPI FRAM (Ferroelectric RAM) device. FRAM combines the speed of RAM with the non-volatility of Flash memory.
    ️· Fast Writes: Enables fast write speeds, avoiding the need for page buffers common in Serial Flash.
    ️· Low Power: Includes a Sleep Mode for reduced power consumption.
    ️· Compatibility: Designed to be compatible with Serial Flash devices, including support for the FAST READ operation.

    2. Pin Functions & Signals

    ️· /S (Serial Clock): The primary clock signal for all operations.
    ️· C (Serial Data Input): Used for sending commands and data to the device.
    ️· D (Serial Data Output): Used for receiving data from the device.
    ️· /HOLD: Can be used to interrupt serial operations without aborting them. Must be toggled while `/S` is low.
    ️· Q (Data Output): The data output pin.

    3. Operating Modes & Commands

    ️· Read: Uses the `READ` OpCode followed by a two-byte address.
    ️· Write: Requires a `WREN` (Write Enable) OpCode, followed by a `WRITE` OpCode, then a two-byte address, then the data to be written. Data is written MSB first.
    ️· Fast Read: Similar to Read, but includes a dummy byte for latency. Uses the `FAST READ` OpCode, followed by a two-byte address and then a dummy byte.
    ️· Sleep Mode: Enters low power mode using the `SLEEP` OpCode. The device monitors `/S`. The device returns to normal operation on the next falling edge of `/S`.
    ️· Device ID Read (RDID): Uses the `RDID` OpCode to read Manufacturer ID and Product ID.

    4. Memory Organization & Addressing

    ️· Memory Size: 256kb
    ️· Addressing: Uses 16-bit addresses (A14-A0).
    ️· Address Rollover: When the maximum address (7FFFh) is reached, the counter rolls over to 0000h.

    5. Write Protection

    ️· WREN: Requires Write Enable before writing.
    ️· WPEN (Write Protection Enable): Controlled by the Status Register, allows to ignore the `/W` signal.
    ️· Block Protection (BP0, BP1): Enable write protection for different memory blocks. Block protection table shown in the document.

    6. Sleep Mode Details

    ️· Entry: Uses the SLEEP OpCode (B9h).
    ️· Wakeup: Requires a falling edge of /S to return to normal operation (t REC, 400 μs max).

    7. Device Identification (RDID)

    ️· Function: Allows to read manufacturer ID and product ID.
    ️· Opcode: RDID (9Fh).

    Part No.FM25V02
    ManufacturerCYPRESS
    Size549 Kbytes
    Pages17 pages
    Description256Kb Serial 3V F-RAM Memory