| データシートサーチシステム |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about KSMP4441 Datasheet
# Example questions:
➢ What is the maximum continuous drain current at a temperature of 100℃?
➢ What are the typical and maximum values for the drain-source on-resistance (rds(on)) when vds is 10v and id is 6a?
➢ What is the maximum allowable power dissipation for the ksmp4441 mosfet, and what junction temperature limits this value?
# KSMP4441
## Description
This P-channel MOSFET utilizes advanced trench technology for low gate charge and excellent RDS(on).
Features
️· Low gate charge
️· Green device available
️· Advanced high-density trench technology for low RDS(on)
️· Excellent package for heat dissipation
## Absolute Maximum Ratings (TC = 25°C)
| Symbol | Parameter | Rating | Unit |
|---|---|---|---|
| VDS | Drain-Source Voltage | -60 | V |
| VGS | Gate-Source Voltage | ±20 | V |
| ID (Continuous, T = 25°C) | Drain Current | -4 | A |
| ID (Continuous, T = 100°C) | Drain Current | -3.1 | A |
| ID (Pulsed) | Drain Current | -20 | A |
| EAS | Single Pulse Avalanche Energy | – | mJ |
| PD | Power Dissipation | 3.1 | W |
| TJ, TSTG | Operating/Storage Junction Temperature | -55 to 150 | °C |
| Parameter | Rating | Unit | |
|---|---|---|---|
| RƟJC | Junction-to-Case Thermal Resistance | 40 | °C/W |
| RƟJA | Junction-to-Ambient Thermal Resistance | 30 | °C/W |
| Part No. | Marking | Package |
|---|---|---|
| KSMP4441 | KSMP4441 | SOP-8 |
# KSMP4441
## Description
This P-channel MOSFET utilizes advanced trench technology for low gate charge and excellent RDS(on).
Features
️· Low gate charge
️· Green device available
️· Advanced high-density trench technology for low RDS(on)
️· Excellent package for heat dissipation
## Absolute Maximum Ratings (TC = 25°C)
| Symbol | Parameter | Rating | Unit |
|---|---|---|---|
| VDS | Drain-Source Voltage | -60 | V |
| VGS | Gate-Source Voltage | ±20 | V |
| ID (Continuous, T = 25°C) | Drain Current | -4 | A |
| ID (Continuous, T = 100°C) | Drain Current | -3.1 | A |
| ID (Pulsed) | Drain Current | -20 | A |
| EAS | Single Pulse Avalanche Energy | – | mJ |
| PD | Power Dissipation | 3.1 | W |
| TJ, TSTG | Operating/Storage Junction Temperature | -55 to 150 | °C |
| Parameter | Rating | Unit | |
|---|---|---|---|
| RƟJC | Junction-to-Case Thermal Resistance | 40 | °C/W |
| RƟJA | Junction-to-Ambient Thermal Resistance | 30 | °C/W |
| Part No. | Marking | Package |
|---|---|---|
| KSMP4441 | KSMP4441 | SOP-8 |
| Part No. | KSMP4441 |
| Manufacturer | KERSEMI |
| Size | 585 Kbytes |
| Pages | 4 pages |
| Description | Green device available. |