| メーカー | 部品番号 | データシート | 部品情報 |
 EPCOS |
B82114
|
92Kb / 6P |
VHF chokes for power line applications Rated voltage 500 V dc/ac Rated current max. 1 A
|
 LEM |
LF310-S
|
1Mb / 7P |
Bipolar and insulated current measurement up to 500 A
|
 Texas Instruments |
PT6510
|
227Kb / 11P |
8-A Rated Output Current
|
 ASM GmbH |
9132-50
|
164Kb / 1P |
For power line current value measurement
|
 WAGO Kontakttechnik Gmb... |
855-1700-032-000
|
188Kb / 5P |
Plug-in current transformer; Primary rated current 32 A
|
 Weidmuller |
2716650000
|
143Kb / 4P |
Rated current : 16 A, Applications: Power and flow measurement
November 4, 2021 |
|
2716670000
|
169Kb / 4P |
Rated current : 63 A, Applications: Power and flow measurement
November 4, 2021 |
|
2716690000
|
146Kb / 4P |
Rated current : via current transformer 1 A/5 A
November 4, 2021 |
 Maxim Integrated Produc... |
MAX44298
|
552Kb / 16P |
Current and Voltage Sense with Power Measurement
2018 |
 Schneider Electric |
9500A
|
115Kb / 2P |
Reliable flanged magnetic flow tube for water and wastewater measurement
Apr 25, 2022 |