データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CY15B116QSN データシート (PDF) - Infineon Technologies AG

CY15B116QSN Datasheet PDF - Infineon Technologies AG
部品番号 CY15B116QSN
ダウンロード  CY15B116QSN ダウンロード
ファイルサイズ   1578.69 Kbytes
ページ   106 Pages
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
部品情報 16-Mb EXCELON??Ultra Ferroelectric RAM (F-RAM) Serial (quad SPI), 2048K 횞 8, industrial

CY15B116QSN Datasheet (PDF)

Go To PDF Page ダウンロード データシート
CY15B116QSN Datasheet PDF - Infineon Technologies AG

部品番号 CY15B116QSN
ダウンロード  CY15B116QSN Click to download

ファイルサイズ   1578.69 Kbytes
ページ   106 Pages
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
部品情報 16-Mb EXCELON??Ultra Ferroelectric RAM (F-RAM) Serial (quad SPI), 2048K 횞 8, industrial

CY15B116QSN データシート (HTML) - Infineon Technologies AG


CY15B116QSN 製品詳細

Features
• 16-Mb ferroelectric random access memory (F-RAM) logically organized as 2048K x 8
- Virtually unlimited endurance of 100 trillion (1014) read/write cycles
- 151-year data retention (See “Data retention and endurance” on page 88)
- Infineon no delay technology writes
- Advanced high-reliability ferroelectric process
• Single and multi I/O serial peripheral interface (SPI)
- Serial bus interface SPI protocols
- Supports SPI mode 0 (0, 0) and mode 3 (1, 1) for all SDR mode transfers
- Supports SPI mode 0 (0, 0) for all DDR mode transfers
- Extended I/O SPI protocols
- Dual SPI (DPI) protocols
- Quad SPI (QPI) protocols
• SPI clock frequency
- Up to 108 MHz frequency SPI single data rate (SDR)
- Up to 46 MHz frequency SPI double data rate (DDR)
• Execute-in-place (XIP) for memory read/write
• Write protection, data security, and data integrity
• Hardware protection using the write protect (WP) pin
• Software block protection
• Embedded error correction code (ECC) and cyclic redundancy check (CRC) for enhanced data integrity
- ECC detects and corrects 2-bit error. If a 3-bit error occurs, it does not correct but reports through the ECC
status register
- CRC detects any accidental change to raw data
• Extended electronic signatures
- Device ID includes manufacturer ID and product ID
- Unique ID
- User programmable serial number
• Dedicated 256-byte special sector F-RAM
- Dedicated special sector write and read
- Content can survive up to three standard reflow cycles
• Low-power consumption at high speed
- 14 mA (typ) active current for 108 MHz SPI SDR
- 22 mA (typ) active current for 108 MHz QSPI SDR
- 16.5 mA (typ) active current for 46 MHz QSPI DDR
- 115 μA (typ) standby current
- 1.1 μA (typ) deep power-down mode current
- 0.1 μA (typ) Hibernate mode current
• Low-voltage operation:
- CY15V116QSN: VDD = 1.71 V to 1.89 V
- CY15B116QSN: VDD = 1.8 V to 3.6 V
• Operating temperature: –40°C to +85°C
Functional Description
• Packages
- 24-ball fine pitch ball grid array (FBGA)
• Restriction of hazardous substances (RoHS) compliant




同様の部品番号 - CY15B116QSN

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
CY15B116QI INFINEON-CY15B116QI Datasheet
357Kb / 39P
16Mb EXCELON™ LP Ferroelectric RAM (F-RAM) Serial (SPI), 2048K × 8, 20MHz, inrush current control, commercial
Rev. C 2022-05-25
CY15B116QI-20BKXC INFINEON-CY15B116QI-20BKXC Datasheet
357Kb / 39P
16Mb EXCELON™ LP Ferroelectric RAM (F-RAM) Serial (SPI), 2048K × 8, 20MHz, inrush current control, commercial
Rev. C 2022-05-25
CY15B116QN INFINEON-CY15B116QN Datasheet
353Kb / 36P
16Mb EXCELON™ LP Ferroelectric RAM (F-RAM) Serial (SPI), 2048K × 8, 40MHz, industrial
Rev. E 2022-05-25
CY15B116QN-40BKXI INFINEON-CY15B116QN-40BKXI Datasheet
353Kb / 36P
16Mb EXCELON™ LP Ferroelectric RAM (F-RAM) Serial (SPI), 2048K × 8, 40MHz, industrial
Rev. E 2022-05-25
More results


同様の説明 - CY15B116QSN

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
FM25C160B-GA CYPRESS-FM25C160B-GA Datasheet
720Kb / 20P
16-Kbit (2 K 횞 8) Serial (SPI) Automotive F-RAM
FM25V02A CYPRESS-FM25V02A Datasheet
819Kb / 23P
256-Kbit (32K 횞 8) Serial (SPI) F-RAM
CY15B102QN CYPRESS-CY15B102QN Datasheet
341Kb / 32P
Excelon??Auto 2-Mbit (256K 횞 8)Automotive-E Serial (SPI) F-RAM
CY15B104QSN CYPRESS-CY15B104QSN Datasheet
1Mb / 90P
Excelon??Ultra 4-Mbit (512K 횞 8) Quad SPI F-RAM
CY15E016Q CYPRESS-CY15E016Q Datasheet
613Kb / 20P
16-Kbit (2K 횞 8) Serial (SPI) Automotive F-RAM
logo
Infineon Technologies A...
CY15B102QN INFINEON-CY15B102QN Datasheet
434Kb / 43P
2Mb EXCELON??Auto Ferroelectric RAM (F-RAM)
Rev. *N 2022-01-20
CY15B104QSN INFINEON-CY15B104QSN Datasheet
1Mb / 118P
4Mb EXCELON??Ultra Ferroelectric RAM (F-RAM)
Rev. *K 2022-02-01
CY15B108QSN INFINEON-CY15B108QSN Datasheet
985Kb / 109P
8Mb EXCELON™ Ultra Ferroelectric RAM (F-RAM) Serial (Quad SPI), 1024K × 8, 108MHz, industrial
Rev. D 2022-05-25
CY15B116QI INFINEON-CY15B116QI Datasheet
357Kb / 39P
16Mb EXCELON™ LP Ferroelectric RAM (F-RAM) Serial (SPI), 2048K × 8, 20MHz, inrush current control, commercial
Rev. C 2022-05-25
CY15B116QN INFINEON-CY15B116QN Datasheet
353Kb / 36P
16Mb EXCELON™ LP Ferroelectric RAM (F-RAM) Serial (SPI), 2048K × 8, 40MHz, industrial
Rev. E 2022-05-25
More results




Infineon Technologies AG について


Infineon Technologiesは、自動車、産業、通信システムなど、さまざまな業界に電力管理、セキュリティ、および制御ソリューションを提供することを専門とするグローバルな半導体メーカーです。
同社は1999年に設立され、ドイツのノイビバーグに本社を置いています。
Infineonは、マイクロコントローラー、パワー半導体、センサー、その他の統合回路を含む幅広い製品を提供しています。
同社は世界市場で強い存在感を抱いており、世界中のさまざまな国の運営と施設があります。

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com