データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CY15B116QN データシート (PDF) - Infineon Technologies AG

CY15B116QN Datasheet PDF - Infineon Technologies AG
部品番号 CY15B116QN
ダウンロード  CY15B116QN ダウンロード
ファイルサイズ   353.34 Kbytes
ページ   36 Pages
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
部品情報 16Mb EXCELON™ LP Ferroelectric RAM (F-RAM) Serial (SPI), 2048K × 8, 40MHz, industrial

CY15B116QN Datasheet (PDF)

Go To PDF Page ダウンロード データシート
CY15B116QN Datasheet PDF - Infineon Technologies AG

部品番号 CY15B116QN
ダウンロード  CY15B116QN Click to download

ファイルサイズ   353.34 Kbytes
ページ   36 Pages
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
部品情報 16Mb EXCELON™ LP Ferroelectric RAM (F-RAM) Serial (SPI), 2048K × 8, 40MHz, industrial

CY15B116QN データシート (HTML) - Infineon Technologies AG


CY15B116QN 製品詳細

Features
• 16-Mb ferroelectric random access memory (F-RAM) logically organized as 2048K × 8
- Virtually unlimited endurance of 1000 trillion (1015) read/write
- 151-year data retention (see “Data retention and endurance” on page 24)
- Infineon instant non-volatile write technology
- Advanced high-reliability ferroelectric process
• Fast serial peripheral interface (SPI)
- Up to 40 MHz frequency
- Supports SPI Mode 0 (0, 0) and Mode 3 (1, 1)
• Sophisticated write protection scheme
- Hardware protection using the Write Protect (WP) pin
- Software protection using Write Disable (WRDI) instruction
- Software block protection for 1/4, 1/2, or entire array
• Device ID and Serial number
- Manufacturer ID and Product ID
- Unique Device ID
- Serial number
• Dedicated 256-byte special sector F-RAM
- Dedicated special sector write and read
- Stored content can survive up to three standard reflow soldering cycles
• Low-power consumption
- 2.7 mA (typ) active current at 40 MHz
- 14 μA (typ) standby current
- 1.10 μA (typ) deep power-down mode current
- 0.1 μA (typ) hibernate mode current
• Low-voltage operation
- : VDD = 1.71 V to 1.89 V
- CY15B116QN: VDD = 1.8 V to 3.6 V
• Industrial operating temperature: 40°C to +85°C
• Packages
- 24-ball fine pitch ball grid- array (24-ball FBGA)
• Restriction of hazardous substances (RoHS) compliant




同様の部品番号 - CY15B116QN

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
CY15B116QI INFINEON-CY15B116QI Datasheet
357Kb / 39P
16Mb EXCELON™ LP Ferroelectric RAM (F-RAM) Serial (SPI), 2048K × 8, 20MHz, inrush current control, commercial
Rev. C 2022-05-25
CY15B116QI-20BKXC INFINEON-CY15B116QI-20BKXC Datasheet
357Kb / 39P
16Mb EXCELON™ LP Ferroelectric RAM (F-RAM) Serial (SPI), 2048K × 8, 20MHz, inrush current control, commercial
Rev. C 2022-05-25
CY15B116QSN INFINEON-CY15B116QSN Datasheet
1Mb / 106P
16-Mb EXCELON??Ultra Ferroelectric RAM (F-RAM) Serial (quad SPI), 2048K 횞 8, industrial
Rev. *D 2022-01-24
CY15B116QSN-108BKXI INFINEON-CY15B116QSN-108BKXI Datasheet
1Mb / 106P
16-Mb EXCELON??Ultra Ferroelectric RAM (F-RAM) Serial (quad SPI), 2048K 횞 8, industrial
Rev. *D 2022-01-24
More results


同様の説明 - CY15B116QN

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
FM25V01A CYPRESS-FM25V01A Datasheet
777Kb / 22P
128-Kbit (16K 횞 8) Serial (SPI) F-RAM
FM25V02A CYPRESS-FM25V02A Datasheet
819Kb / 23P
256-Kbit (32K 횞 8) Serial (SPI) F-RAM
CY15B102QN CYPRESS-CY15B102QN Datasheet
341Kb / 32P
Excelon??Auto 2-Mbit (256K 횞 8)Automotive-E Serial (SPI) F-RAM
CY15B104QSN CYPRESS-CY15B104QSN Datasheet
1Mb / 90P
Excelon??Ultra 4-Mbit (512K 횞 8) Quad SPI F-RAM
CY15B004Q CYPRESS-CY15B004Q Datasheet
686Kb / 22P
4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
logo
Infineon Technologies A...
CY15B102QN INFINEON-CY15B102QN Datasheet
434Kb / 43P
2Mb EXCELON??Auto Ferroelectric RAM (F-RAM)
Rev. *N 2022-01-20
CY15B104QSN INFINEON-CY15B104QSN Datasheet
1Mb / 118P
4Mb EXCELON??Ultra Ferroelectric RAM (F-RAM)
Rev. *K 2022-02-01
CY15B116QSN INFINEON-CY15B116QSN Datasheet
1Mb / 106P
16-Mb EXCELON??Ultra Ferroelectric RAM (F-RAM) Serial (quad SPI), 2048K 횞 8, industrial
Rev. *D 2022-01-24
CY15B108QSN INFINEON-CY15B108QSN Datasheet
985Kb / 109P
8Mb EXCELON™ Ultra Ferroelectric RAM (F-RAM) Serial (Quad SPI), 1024K × 8, 108MHz, industrial
Rev. D 2022-05-25
CY15B116QI INFINEON-CY15B116QI Datasheet
357Kb / 39P
16Mb EXCELON™ LP Ferroelectric RAM (F-RAM) Serial (SPI), 2048K × 8, 20MHz, inrush current control, commercial
Rev. C 2022-05-25
More results




Infineon Technologies AG について


Infineon Technologiesは、自動車、産業、通信システムなど、さまざまな業界に電力管理、セキュリティ、および制御ソリューションを提供することを専門とするグローバルな半導体メーカーです。
同社は1999年に設立され、ドイツのノイビバーグに本社を置いています。
Infineonは、マイクロコントローラー、パワー半導体、センサー、その他の統合回路を含む幅広い製品を提供しています。
同社は世界市場で強い存在感を抱いており、世界中のさまざまな国の運営と施設があります。

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com