データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A24CM01 データシート (PDF) - AiT Semiconductor Inc.

A24CM01 Datasheet PDF - AiT Semiconductor Inc.
部品番号 A24CM01
ダウンロード  A24CM01 ダウンロード
ファイルサイズ   743.23 Kbytes
ページ   19 Pages
メーカー  AITSEMI [AiT Semiconductor Inc.]
ホームページ  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
部品情報 MEMORY EEPROM 1M BITS (131072X8) TWO-WIRE SERIAL

A24CM01 Datasheet (PDF)

Go To PDF Page ダウンロード データシート
A24CM01 Datasheet PDF - AiT Semiconductor Inc.

部品番号 A24CM01
ダウンロード  A24CM01 Click to download

ファイルサイズ   743.23 Kbytes
ページ   19 Pages
メーカー  AITSEMI [AiT Semiconductor Inc.]
ホームページ  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
部品情報 MEMORY EEPROM 1M BITS (131072X8) TWO-WIRE SERIAL

A24CM01 データシート (HTML) - AiT Semiconductor Inc.


A24CM01 製品詳細

DESCRIPTION
The
A24CM01 provides 1048576 bits of serial
electrically erasable and programmable read only
memory (EEPROM), organized as 131072 words of
8 bits each.
The device is optimized for use in many industrial
and commercial applications w here low power and
low voltage operation are essential.
The
A24CM01 offers an additional page, named
the Identification Page (256 bytes). The
Identification Page can be used to store sensitive
application parameters which can be (later)
permanently lo ck ed in Read only mode.
The
A24CM01 is available in SOP8, TSSOP8 ,
DFN8 DIP8 and CSP8 packages.

FEATURES
⚫ Compatible with all I 2 C bidirectional data
transfer protocol
⚫ Memory array:
1024
k bits (128k bytes) of EEPROM
Page size: 256 bytes
Additional Write lockab
le pag e
⚫ Extended T e mperature Range
A
40 to +85
B
40 to +105
C
40 to +125
⚫ Single supply voltage and high speed:
400kHz@1.7V
1MHz@2.5V
⚫ Random and sequential Read modes
⚫ Write:
Byte Write within 5
ms
Page Write within 5
ms
Partial Page Writes Allowed
⚫ Write Protect Pin for Hardw are Data Protection
⚫ Schmitt Trigger, Filtered Inputs f or Noise
Suppression
⚫ High reliability
Endurance:
1 Million Write Cycles
Data Retention: 100 Years
⚫ Enhanced ESD/Latch up protection
HBM 8000V
⚫ Available in SOP8, TSSOP8 , DFN8 , DIP8 and
CSP8 p ackag e s




同様の部品番号 - A24CM01

メーカー部品番号データシート部品情報
logo
AiT Semiconductor Inc.
A24CM02 AITSEMI-A24CM02 Datasheet
528Kb / 17P
MEMORY EEPROM 2M BITS (262,144 X 8) TWO-WIRE SERIAL
REV1.2
A24CM02G8RZ AITSEMI-A24CM02G8RZ Datasheet
528Kb / 17P
MEMORY EEPROM 2M BITS (262,144 X 8) TWO-WIRE SERIAL
REV1.2
A24CM02G8VRZ AITSEMI-A24CM02G8VRZ Datasheet
528Kb / 17P
MEMORY EEPROM 2M BITS (262,144 X 8) TWO-WIRE SERIAL
REV1.2
A24CM02M8RZ AITSEMI-A24CM02M8RZ Datasheet
528Kb / 17P
MEMORY EEPROM 2M BITS (262,144 X 8) TWO-WIRE SERIAL
REV1.2
A24CM02M8VRZ AITSEMI-A24CM02M8VRZ Datasheet
528Kb / 17P
MEMORY EEPROM 2M BITS (262,144 X 8) TWO-WIRE SERIAL
REV1.2
More results


同様の説明 - A24CM01

メーカー部品番号データシート部品情報
logo
E-CMOS Corporation
EC24C64C E-CMOS-EC24C64C Datasheet
590Kb / 17P
64K bits Two-wire Serial EEPROM
EC24C128B E-CMOS-EC24C128B Datasheet
579Kb / 17P
128K bits Two-wire Serial EEPROM
EC24C512C E-CMOS-EC24C512C Datasheet
518Kb / 16P
512K bits Two-wire Serial EEPROM
EC24C1024A E-CMOS-EC24C1024A Datasheet
664Kb / 14P
1024K bits Two-wire Serial EEPROM
logo
AiT Semiconductor Inc.
A24C02 AITSEMI-A24C02 Datasheet
779Kb / 19P
MEMORY EEPROM 2k BITS (256BYTES) TWO-WIRE SERIAL
REV3.0
A24C04 AITSEMI-A24C04 Datasheet
875Kb / 18P
MEMORY EEPROM 4K BITS (512X8) TWO-WIRE SERIAL
REV3.0
A24C08 AITSEMI-A24C08 Datasheet
714Kb / 19P
MEMORY EEPROM 8k BITS (1024X8) TWO-WIRE SERIAL
REV3.0
A24C16 AITSEMI-A24C16 Datasheet
977Kb / 18P
MEMORY EEPROM 16k bits (2048 X 8) TWO-WIRE SERIAL
REV2.1
A24C256 AITSEMI-A24C256 Datasheet
710Kb / 19P
MEMORY EEPROM 256k bits (32768 X 8) TWO-WIRE SERIAL
REV2.2
A24C512 AITSEMI-A24C512 Datasheet
856Kb / 20P
MEMORY EEPROM 512k BITS (65536 X 8) TWO-WIRE SERIAL
REV2.2
More results



リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com