| メーカー | 部品番号 | データシート | 部品情報 |
 Vishay Barry |
RP0805ZZ-XXXXWN-93
|
187Kb / 2P |
1W Al2O3 Chip Resistor w/ Wraparound Terminals
REV.B MAY 21 2021 |
|
RS0202ZZ-XXXXWN-90
|
161Kb / 2P |
65mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 14 2021 |
|
RS0202ZZ-XXXXWN-91
|
158Kb / 2P |
65mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 15 2021 |
|
RS0402ZZ-XXXXWN-91
|
160Kb / 2P |
50mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.B JUN 16 2021 |
|
RS0505ZZ-XXXXWN-91
|
178Kb / 2P |
150mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.B JUN 17 2021 |
|
RS0505ZZ-XXXXWN-93
|
174Kb / 2P |
150mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.B JUN 17 2021 |
|
RS0805ZZ-XXXXWN-90
|
154Kb / 2P |
250mW Al2O3 Chip Resistor w/ Single-Sided (Flip-Chip) Terminals
REV.A JUN 18 2021 |
|
RM0302ZZ-XXXXWN-90
|
162Kb / 2P |
60mW Al2O3 Chip Resistor w/ Single-Sided Terminals & Backplane
|
|
RM0402ZZ-XXXXWN-90
|
140Kb / 2P |
1.25W Al2O3 Chip Resistor w/ Single-Sided Terminals & Backplane
REV.C JUL 5 2021 |
|
RM0402ZZ-XXXXWN-93
|
130Kb / 2P |
0.7W Al2O3 Chip Resistor w/ Single-Sided Terminals & Backplane
REV.C JUL 5 2021 |