データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LYT5228D データシート (PDF) - Power Integrations, Inc.

LYT5228D Datasheet PDF - Power Integrations, Inc.
部品番号 LYT5228D
ダウンロード  LYT5228D ダウンロード
ファイルサイズ   838.88 Kbytes
ページ   14 Pages
メーカー  POWERINT [Power Integrations, Inc.]
ホームページ  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
部品情報 Single-Stage LED Driver IC with Combined PFC and Constant Current Output in Isolated and Non-Isolated Topologies

LYT5228D Datasheet (PDF)

Go To PDF Page ダウンロード データシート
LYT5228D Datasheet PDF - Power Integrations, Inc.

部品番号 LYT5228D
ダウンロード  LYT5228D Click to download

ファイルサイズ   838.88 Kbytes
ページ   14 Pages
メーカー  POWERINT [Power Integrations, Inc.]
ホームページ  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
部品情報 Single-Stage LED Driver IC with Combined PFC and Constant Current Output in Isolated and Non-Isolated Topologies

LYT5228D データシート (HTML) - Power Integrations, Inc.


LYT5228D 製品詳細

Combined Single-Stage PFC + Accurate CC Output
• Accurate CC, better than ±3%
• Power Factor >0.9
• Low THD, <10% with typical input and output conditions
• >90% efficient in optimized designs
• High switching frequency and DCM allow compact magnetics
Design Flexibility
• Supports buck, buck-boost, tapped-buck, boost, isolated and
non-isolated flyback topologies
• 2 MOSFET voltage options and 3 power levels for optimum device
selection
Highest Reliability
• No electrolytic bulk capacitors or optoisolators for increased lifetime
• Comprehensive protection features
• Input and output overvoltage
• Open-loop protection
• Advanced thermal control
• Thermal foldback allows output light delivery at abnormally high
ambient temperatures
• Hysteretic shutdown provides protection during fault conditions
Description
The LYTSwitch™-5 family is ideal for single-stage power factor
corrected constant current LED applications – bulbs, tubes and
ballasts.
Each device incorporates a high-voltage power MOSFET and discontinuous
mode, variable frequency, variable on-time controller. The
controller also provides fast (cycle-by-cycle) current limit, input and
output OVP, plus advanced thermal management circuitry.
The combination of a low-side switching topology, cooling via electronically
quiet SOURCE pins and frequency jitter ensures extremely low EMI.
This reduces the size of the input filter components – greatly reducing
audible noise.
The part numbers shown in Table 1 describe 3 different power levels and
two MOSFET voltage options to cost-optimize designs, while EcoSmart™
switching technology ensures maximum efficiency for each device size
and load condition.




同様の部品番号 - LYT5228D

メーカー部品番号データシート部品情報
logo
Power Integrations, Inc...
LYT5228D POWERINT-LYT5228D Datasheet
839Kb / 14P
Single-Stage LED Driver IC with Combined PFC and Constant Current
March 2016
More results


同様の説明 - LYT5228D

メーカー部品番号データシート部品情報
logo
Power Integrations, Inc...
LNK454 POWERINT-LNK454 Datasheet
1Mb / 12P
LED Driver IC with TRIAC Dimming, Single-Stage PFC and Constant Current Control for Non-Isolated Applications
LNK454_1011 POWERINT-LNK454_1011 Datasheet
1Mb / 20P
LED Driver IC with TRIAC Dimming, Single-Stage PFC and Constant Current Control for Non-Isolated Applications
LNK454 POWERINT-LNK454_11 Datasheet
2Mb / 20P
LED Driver IC with TRIAC Dimming Single Stage PFC and Constant Current Control for Non Isolated Applications
logo
List of Unclassifed Man...
ZSLS7031 ETC2-ZSLS7031 Datasheet
1Mb / 22P
Isolated and Non-isolated Flyback LED Driver with Active PFC
logo
Integrated Device Techn...
ZLED7031 IDT-ZLED7031 Datasheet
1Mb / 20P
Isolated and Non-isolated Flyback LED Driver with Active PFC
logo
Unisonic Technologies
UL82B UTC-UL82B Datasheet
393Kb / 12P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
UL96A UTC-UL96A Datasheet
193Kb / 7P
NON ISOLATED BUCK CONSTANT CURRENT LED DRIVER IC
logo
Power Integrations, Inc...
LYT3314 POWERINT-LYT3314 Datasheet
1Mb / 18P
Single-Stage LED Driver IC with Combined PFC and Constant Current Output for Outstanding TRIAC Dimming in Isolated and Non-Isolated Topologies
April 2016
LYT7503 POWERINT-LYT7503 Datasheet
1Mb / 12P
Phase-Cut Dimmable Single-Stage LED Driver IC with Combined PFC and Constant Current Output for Buck Topology
July 2016
logo
Renesas Technology Corp
ZSLS7031 RENESAS-ZSLS7031 Datasheet
1Mb / 21P
Isolated and Non-isolated Flyback LED Driver with Active PFC
January 26, 2016
More results




Power Integrations, Inc. について


Power Integrationsは、電力変換のための高電圧統合回路の設計と製造を専門とするアメリカの企業です。

同社は1988年に設立され、カリフォルニア州サンノゼに本社を置いています。電力統合は、統合回路(ICS)、コンデンサ、ダイオードを含む幅広い電力変換ソリューションを提供します。

その製品は、家電、照明、再生可能エネルギー、産業機器など、さまざまなアプリケーションで使用されています。

電力統合は、電力変換技術の専門知識と、非常に効率的で信頼性の高い製品を提供する能力で知られています。

同社はイノベーションに重点を置いており、その製品と技術に対して多数の特許を授与されています。

Power Integrationsの製品は、炭素排出量を削減し、環境を保護するのに役立つエネルギー効率の高いソリューションに対する需要の高まりを満たすように設計されています。

同社のテクノロジーは、さまざまなアプリケーションで広く使用されており、グローバル市場で強い存在感を持っています。

電力統合は、顧客と緊密に連携して、カスタマイズされたソリューションを提供し、ニーズをサポートします。

同社は、より良い、より持続可能な世界に貢献する持続可能な製品とサービスを提供することに取り組んでいます。

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com