データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LYT7503 データシート (PDF) - Power Integrations, Inc.

LYT7503 Datasheet PDF - Power Integrations, Inc.
部品番号 LYT7503
ダウンロード  LYT7503 ダウンロード
ファイルサイズ   1263.32 Kbytes
ページ   12 Pages
メーカー  POWERINT [Power Integrations, Inc.]
ホームページ  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
部品情報 Phase-Cut Dimmable Single-Stage LED Driver IC with Combined PFC and Constant Current Output for Buck Topology

LYT7503 Datasheet (PDF)

Go To PDF Page ダウンロード データシート
LYT7503 Datasheet PDF - Power Integrations, Inc.

部品番号 LYT7503
ダウンロード  LYT7503 Click to download

ファイルサイズ   1263.32 Kbytes
ページ   12 Pages
メーカー  POWERINT [Power Integrations, Inc.]
ホームページ  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.
部品情報 Phase-Cut Dimmable Single-Stage LED Driver IC with Combined PFC and Constant Current Output for Buck Topology

LYT7503 データシート (HTML) - Power Integrations, Inc.


LYT7503 製品詳細

Single-Stage PFC + Accurate CC Output
• ±3% CC regulation in single line input voltage applications
• Power factor >0.9
• High efficiency >85%
• Robust 725 V MOSFET for increased line voltage surge resistance
• Critical Conduction Mode (CrM) buck
• Low EMI
• Excellent line noise and transient rejection
Dimming Highlights
• Fast turn-on (<500 ms)
• Low pop-on
• Better than 10:1 dimming ratio
• Simple passive R-C damper
• Monotonic dimming profile
Design Flexibility
• Wide input (90 VAC – 308 VAC) and output voltage range operation
• 2 family members cover power range for optimum device selection
• Requires no inductor bias winding
• Small form factor package – SO-8
Highest Reliability
• Industry’s lowest component count dimming solution
• Comprehensive protection features with auto-restart
• Input and output overvoltage protection (OVP)
• Output short-circuit protection
• Open-loop protection
• Advanced thermal control
• Thermal foldback ensures that light continues to be delivered at
elevated temperatures
• Over-temperature shutdown provides protection during fault
conditions




同様の部品番号 - LYT7503

メーカー部品番号データシート部品情報
logo
Power Integrations, Inc...
LYT7503-7504 POWERINT-LYT7503-7504 Datasheet
1Mb / 12P
Phase-Cut Dimmable Single-Stage LED Driver IC
July 2016
More results


同様の説明 - LYT7503

メーカー部品番号データシート部品情報
logo
Power Integrations, Inc...
LNK454 POWERINT-LNK454 Datasheet
1Mb / 12P
LED Driver IC with TRIAC Dimming, Single-Stage PFC and Constant Current Control for Non-Isolated Applications
LNK454_1011 POWERINT-LNK454_1011 Datasheet
1Mb / 20P
LED Driver IC with TRIAC Dimming, Single-Stage PFC and Constant Current Control for Non-Isolated Applications
LNK454 POWERINT-LNK454_11 Datasheet
2Mb / 20P
LED Driver IC with TRIAC Dimming Single Stage PFC and Constant Current Control for Non Isolated Applications
logo
Taiwan Semiconductor Co...
TS19310 TSC-TS19310 Datasheet
423Kb / 8P
Single-Stage PFC TRIAC Dimmable LED Driver
TS19320CS TSC-TS19320CS Datasheet
295Kb / 2P
Phase-Cut Dimmable Flyback or Buck-Boost Current Control with Active PFC for LED lighting
logo
Richtek Technology Corp...
RT8402 RICHTEK-RT8402 Datasheet
554Kb / 13P
Phase-Cut Dimmable High Side Buck LED Driver
logo
Diodes Incorporated
AL1673 DIODES-AL1673 Datasheet
317Kb / 15P
UNIVERSAL FLYBACK AND BUCK-BOOST SINGLE STAGE DIMMABLE LED DRIVER
Rev 1
logo
Power Integrations, Inc...
LYT3314 POWERINT-LYT3314 Datasheet
1Mb / 18P
Single-Stage LED Driver IC with Combined PFC and Constant Current Output for Outstanding TRIAC Dimming in Isolated and Non-Isolated Topologies
April 2016
LYT5216 POWERINT-LYT5216 Datasheet
838Kb / 14P
Single-Stage LED Driver IC with Combined PFC and Constant Current Output in Isolated and Non-Isolated Topologies
March 2016
logo
List of Unclassifed Man...
QH7938 ETC-QH7938 Datasheet
448Kb / 9P
Dimmable primary-side feedback single-stage active PFC LED constant current control chip
More results




Power Integrations, Inc. について


Power Integrationsは、電力変換のための高電圧統合回路の設計と製造を専門とするアメリカの企業です。

同社は1988年に設立され、カリフォルニア州サンノゼに本社を置いています。電力統合は、統合回路(ICS)、コンデンサ、ダイオードを含む幅広い電力変換ソリューションを提供します。

その製品は、家電、照明、再生可能エネルギー、産業機器など、さまざまなアプリケーションで使用されています。

電力統合は、電力変換技術の専門知識と、非常に効率的で信頼性の高い製品を提供する能力で知られています。

同社はイノベーションに重点を置いており、その製品と技術に対して多数の特許を授与されています。

Power Integrationsの製品は、炭素排出量を削減し、環境を保護するのに役立つエネルギー効率の高いソリューションに対する需要の高まりを満たすように設計されています。

同社のテクノロジーは、さまざまなアプリケーションで広く使用されており、グローバル市場で強い存在感を持っています。

電力統合は、顧客と緊密に連携して、カスタマイズされたソリューションを提供し、ニーズをサポートします。

同社は、より良い、より持続可能な世界に貢献する持続可能な製品とサービスを提供することに取り組んでいます。

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com