| メーカー | 部品番号 | データシート | 部品情報 |
 Alpha & Omega Semicondu... |
AOZ3103
|
678Kb / 13P |
3A Synchronous EZBuckTM Regulator
|
|
AOZ6623DI
|
910Kb / 15P |
EZBuckTM 3A Synchronous Buck Regulator
|
|
AOZ6643DI
|
660Kb / 13P |
3A Synchronous EZBuckTM Regulator
|
|
AOZ6662DI
|
984Kb / 16P |
EZBuckTM 2A Synchronous Buck Regulator
Rev. 1.2 January 2021 |
|
AOZ6663DI
|
691Kb / 17P |
EZBuckTM 3A Synchronous Buck Regulator
Rev. 1.0 October 2020 |
|
AOZ6689CI
|
657Kb / 15P |
EZBuckTM 3A Synchronous Buck Regulator
Rev. 1.1 May 2021 |
|
AOZ2250BQI-22
|
1Mb / 15P |
28V/3A Synchronous EZBuckTM Regulator
Rev 1.0 November 2019 |
|
AOZ6604PI
|
982Kb / 16P |
EZBuckTM 4A Synchronous Buck Regulator
Rev. 1.1 December 2017 |
|
AOZ6763DI
|
1Mb / 15P |
3A 1.25MHz Synchronous EZBuckTM Regulator
Rev. 1.0 October 2019 |
|
AOZ2150EQI-30
|
1Mb / 15P |
28V/3A Synchronous EZBuckTM Regulator
Rev 1.2 September 2018 |