データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TXB0604DYY データシート (PDF) - Texas Instruments

TXB0604DYY Datasheet PDF - Texas Instruments
部品番号 TXB0604DYY
ダウンロード  TXB0604DYY ダウンロード
ファイルサイズ   2509.73 Kbytes
ページ   45 Pages
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments
部品情報 TXB0604 Auto-Bidirectional Level Translator for High-Speed Interfaces

TXB0604DYY Datasheet (PDF)

Go To PDF Page ダウンロード データシート
TXB0604DYY Datasheet PDF - Texas Instruments

部品番号 TXB0604DYY
ダウンロード  TXB0604DYY Click to download

ファイルサイズ   2509.73 Kbytes
ページ   45 Pages
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments
部品情報 TXB0604 Auto-Bidirectional Level Translator for High-Speed Interfaces

TXB0604DYY データシート (HTML) - Texas Instruments


TXB0604DYY 製品詳細

1 Features
• 0.9V to 2V on A port and 1.65V to 3.6V on B port
• Maximum data rates:
– >180Mbps (15pF load)
– >118Mbps (100pF load)
• Supports high-speed interfaces such as QSPI,
OSPI, eSPI
• No direction control signal needed
• VCC isolation feature: if either VCC input is at GND,
all outputs are in the high-impedance state
• Schmitt-trigger inputs allow for slow or noisy inputs
• Output enable (OE) input circuit referenced to
VCCA
• I OFF supports partial power-down mode operation
• Latch-up Performance Exceeds 100mA Per JESD
78, Class II
• ESD Protection Exceeds JESD 22
– A Port:
• 2000V Human-Body Model (A114-B)
• 1000V Charged-Device Model (C101)
– B Port:
• 2000V Human-Body Model (A114-B)
• 1000V Charged-Device Model (C101)

2 Applications
• Data Center and Enterprise Computing
• Desktop PC
• Personal Electronics

3 Description
The TXB0604 is an 4-bit non-inverting autobidirectional
translator that uses two separate
configurable power-supply rails. This voltage
translator/ line redriver can be used to remedy voltage
domain mismatches in addition to signal boosting in
long-cabling transmission applications.
The TXB0604 leverages a patented design to
achieve high data throughput for memory-intensive
interfaces like Quad-SPI between BMC and Flash
devices without signal integrity losses associated with
excessive output parasitic capacitance.
The A port is designed to track VCCA. VCCA accepts
any supply voltage from 0.9V to 2V. The B port is
designed to track VCCB. VCCB accepts any supply
voltage from 1.65V to 3.6V.
When the OE input is low, all outputs are placed in the
high-impedance state. To ensure the high-impedance
state during power up or power down, OE must
be tied to GND through a pulldown resistor. The
current sourcing capability of the driver determines
the minimum value of the resistor. The TXB0604
device is designed so the OE input circuit is supplied
by VCCA.




同様の部品番号 - TXB0604DYY

メーカー部品番号データシート部品情報
logo
Texas Instruments
TXB0604DYY TI2-TXB0604DYY Datasheet
1Mb / 38P
TXB0604 345Mbps Auto-Bidirectional Level Translator for High-Speed Interfaces
OCTOBER 2025
TXB0604DYY TI2-TXB0604DYY Datasheet
2Mb / 47P
TXB0604 Auto-Bidirectional Level Translator for High-Speed Interfaces
REVISED JUNE 2026
TXB0604DYYR TI2-TXB0604DYYR Datasheet
2Mb / 47P
TXB0604 Auto-Bidirectional Level Translator for High-Speed Interfaces
REVISED JUNE 2026
More results


同様の説明 - TXB0604DYY

メーカー部品番号データシート部品情報
logo
Texas Instruments
LSF0101 TI1-LSF0101 Datasheet
1Mb / 39P
Channel Bidirectional Multi-Voltage Level Translator
TXS0102 TI1-TXS0102_16 Datasheet
1Mb / 33P
2-Bit Bidirectional Voltage-Level Translator
logo
Union Semiconductor, In...
UM3301 UNIONSEMI-UM3301 Datasheet
371Kb / 13P
1-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing
logo
Texas Instruments
TXB0108 TI1-TXB0108_16 Datasheet
1Mb / 32P
TXB0108 8-Bit Bidirectional Voltage-Level Translator with Auto-Direction Sensing
LSF0102-Q1 TI1-LSF0102-Q1 Datasheet
405Kb / 18P
Automotive 2-Channel Auto Bidirectional Multi-Voltage Level Translator
LSF0204-Q1 TI1-LSF0204-Q1 Datasheet
477Kb / 21P
Automotive Qualified 4-Bit Auto-Bidirectional Multi-Voltage Level Translator
logo
Unisonic Technologies
UVXS0102 UTC-UVXS0102 Datasheet
220Kb / 11P
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR
logo
STMicroelectronics
ESDX051-2BU3 STMICROELECTRONICS-ESDX051-2BU3 Datasheet
370Kb / 11P
2 lines ESD protection in bidirectional for high-speed differential interfaces
08-Dec-2020
logo
Renesas Technology Corp
ISL3034E RENESAS-ISL3034E Datasheet
893Kb / 16P
6-Channel High Speed, Auto-Direction Sensing Logic Level Translator
Nov 7, 2019
logo
Silicon Mitus, Inc.
SM5520 SILICONMITUS-SM5520 Datasheet
404Kb / 2P
2 Bits Bidirectional Voltage Level Translator
April 2021 Rev. 0.0.5
More results



リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com