| データシートサーチシステム |
|
DIP データシート(PDF) 3 Page - Meder Electronic |
|
|
|||||||||||||||||||||||||||||
DIP データシート(HTML) 3 Page - Meder Electronic |
|
3 / 5 page ![]() 269 MEDER electronic DIP Series Molded DIP Reed Relays ( ) Versions with magnetic shield OPTIONS L = No option D = With Diode between pin 2 and 6 (Pin 2 is positive) E = Internal shield on pin 9 F = With Diode between pin 2 and 6 (Pin 2 is positive) and Internal shield on pin 9 M = External magnetic shield Q = External magnetic shield and diode between pin 2 and 6 (Pin 2 is positive) R = External magnetic shield and internal shield on pin 9 S = External magnetic shield and with diode between pin 2 and 6 (Pin 2 is positive) and internal shield on pin 9 www.meder.com Germany # ++49-(0)7733-94870, USA # 800-870-5385 OPTIONS DEPENDENCE ON CASE SIZES T C A T N O C M R O F E G A K C A P E Z I S T U O N I P S N O I T P O LD E F M Q R S A 1 e li f o r P w o L 1 1 X X 3 1 X e li f o r P h g i H 1 1 X X X X X 3 1 XX X B 1 e li f o r P h g i H 9 1 X X X X A 2 e li f o r P h g i H1 2 X X XXX X X X C 1 e li f o r P w o L 1 5 X e li f o r P h g i H X XXX X X X |