| データシートサーチシステム |
|
AT89C5131A-RDTUM データシート(PDF) 81 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C5131A-RDTUM データシート(HTML) 81 Page - ATMEL Corporation |
|
81 / 184 page ![]() 81 AT89C5130A/31A-M 4337C–USB–02/05 Table 65. IPH0 Register IPH0 - Interrupt Priority High Register (B7h) Reset Value = X000 0000b Not bit addressable 7 6 5 4 3 2 1 0 - PPCH PT2H PSH PT1H PX1H PT0H PX0H Bit Number Bit Mnemonic Description 7- Reserved The value read from this bit is indeterminate. Do not set this bit. 6PPCH PCA interrupt Priority high bit. PPCH PPCL Priority Level 0 0 Lowest 01 10 1 1 Highest 5PT2H Timer 2 overflow interrupt Priority High bit PT2H PT2L Priority Level 0 0 Lowest 01 10 1 1 Highest 4PSH Serial port Priority High bit PSH PSL Priority Level 0 0 Lowest 01 10 1 1 Highest 3PT1H Timer 1 overflow interrupt Priority High bit PT1H PT1L Priority Level 0 0 Lowest 01 10 1 1 Highest 2PX1H External interrupt 1 Priority High bit PX1H PX1L Priority Level 0 0 Lowest 01 10 1 1 Highest 1PT0H Timer 0 overflow interrupt Priority High bit PT0H PT0L Priority Level 0 0 Lowest 01 10 1 1 Highest 0PX0H External interrupt 0 Priority High bit PX0H PX0L Priority Level 0 0 Lowest 01 10 1 1 Highest |