データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AT89C5131A-RDTUM データシート(PDF) 47 Page - ATMEL Corporation

部品番号 AT89C5131A-RDTUM
部品情報  8-bit Flash Microcontroller with Full Speed USB Device
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTUM データシート(HTML) 47 Page - ATMEL Corporation

Back Button AT89C5131A-RDTUM Datasheet HTML 43Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 44Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 45Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 46Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 47Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 48Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 49Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 50Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 184 page
background image
47
AT89C5130A/31A-M
4337C–USB–02/05
These bytes can be modified by the user through a set of API or through an ISP
command.
Note:
The BLJB must be at 0 (programmed) to be able to restart the bootloader.
If the BLJB is equal to 1 (unprogrammed) only the hardware parallel programmer can
change this bit.
See a detailed description in the applicable Document.
–
Datasheet Bootloader USB AT89C5131.