| データシートサーチシステム |
|
AT89C5131A-RDTUM データシート(PDF) 150 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C5131A-RDTUM データシート(HTML) 150 Page - ATMEL Corporation |
|
150 / 184 page ![]() 150 AT89C5130A/31A-M 4337C–USB–02/05 Reset Output As detailed in Section “Hardware Watchdog Timer”, page 156, the WDT generates a 96- clock period pulse on the RST pin. In order to properly propagate this pulse to the rest of the application in case of external capacitor or power-supply supervisor circuit, a 1 k Ω resistor must be added as shown Figure 71. Figure 71. Recommended Reset Output Schematic RST VSS + VSS VDD RST 1K To other on-board circuitry AT89C5131A-M |