| データシートサーチシステム |
|
CEC1702 データシート(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
CEC1702 データシート(HTML) 19 Page - Microchip Technology |
|
19 / 30 page ![]() CEC1702 Efuse Generator Tool Procedure 2017 Microchip Technology Inc. DS50002598A-page 19 28. If the configuration is correct, the user may click the “Continue” button in the form shown in Figure 2-8: “Warning Message Before Generating The Keys”and generate the files. 29. Once the generation is complete, you will get a pop up window as shown in Fig- ure 2-9: “Efuse File Generation Completion Message”. 30. The output binary and hex file will be generated and stored in the out_binaries directory. 31. The output file names are fixed. These are otp_efuse.bin, efuse_data.h and otp_efuse.hex. 32. If the programmer requires a header file to compile with the environment, the efuse_data.h header file may be used as the input. Please refer to step 3. 33. If any JTAG programmer is used to program the board, then otp_efuse.hex or otp_efuse.bin file will be used as the input, depending on the tool requirements. The start address of JTAG download code should be 0xE0000. Once your Efuse download is completed, write 0xE0349 to address 0x40002738 to the reset han- dler address itself, to launch the downloaded code. FIGURE 2-7: INDEX OUT OF RANGE INDICATION FIGURE 2-8: WARNING MESSAGE BEFORE GENERATING THE KEYS |