| データシートサーチシステム |
|
CEC1702 データシート(PDF) 27 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
CEC1702 データシート(HTML) 27 Page - Microchip Technology |
|
27 / 30 page ![]() Programming Steps For MikroE Tool 2017 Microchip Technology Inc. DS50002598A-page 27 B.2 FIRMWARE IMAGE ENCRYPTION AND AUTHENTICATION For firmware image encryption and signature from mikroE compilers (e.g. mikroC Pro for ARM), the user will have to follow the steps described below: 1. In the project folder for which image is to be created, create the postbuild file without an extension. 2. In the same folder create the config.ini file (any other name and extension is allowed for this file). 3. In the postbuild file write the below command: HexToCECBin.exe -configFile config.ini 4. In the config.ini file write configuration data. Below is an example of the config.ini file with authentication and encryption enabled: [CONFIG] ; Device name CEC1702. device = CEC1702 ; Input hex file path. in = LedBlinking.hex FIGURE B-4: OPEN MENU |