| データシートサーチシステム |
|
MSP432P411VIPZ データシート(PDF) 16 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MSP432P411VIPZ データシート(HTML) 16 Page - Texas Instruments |
|
16 / 212 page ![]() 16 MSP432P4111, MSP432P4011, MSP432P411Y MSP432P401Y, MSP432P411V, MSP432P401V SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018 www.ti.com Submit Documentation Feedback Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V Terminal Configuration and Functions Copyright © 2017–2018, Texas Instruments Incorporated (1) (RD) indicates the reset default signal name for that pin. (2) To determine the pin mux encodings for each pin, see Section 6.12. (3) Signal Types: I = Input, O = Output, I/O = Input or Output, P = power (4) Buffer Types: See Section 4.6 for details (5) The power source shown in this table is the I/O power source, which may differ from the module power source. (6) Reset States: OFF = High-impedance with Schmitt trigger and pullup or pulldown (if available) disabled PD = High-impedance input with pulldown enabled PU = High-impedance input with pullup enabled N/A = Not applicable Table 4-2 describes the attributes of the pins for the MSP432P401xI devices. Table 4-2. Pin Attributes for MSP432P401xI PIN NO. (RGC PACKAGE) SIGNAL NAME (1) (2) SIGNAL TYPE (3) BUFFER TYPE (4) POWER SOURCE (5) RESET STATE AFTER POR (6) 1 P1.0 (RD) I/O LVCMOS DVCC OFF UCA0STE I/O LVCMOS DVCC N/A 2 P1.1 (RD) I/O LVCMOS DVCC OFF UCA0CLK I/O LVCMOS DVCC N/A 3 P1.2 (RD) I/O LVCMOS DVCC OFF UCA0RXD I LVCMOS DVCC N/A UCA0SOMI I/O LVCMOS DVCC N/A 4 P1.3 (RD) I/O LVCMOS DVCC OFF UCA0TXD O LVCMOS DVCC N/A UCA0SIMO I/O LVCMOS DVCC N/A 5 P1.4 (RD) I/O LVCMOS DVCC OFF UCB0STE I/O LVCMOS DVCC N/A 6 P1.5 (RD) I/O LVCMOS DVCC OFF UCB0CLK I/O LVCMOS DVCC N/A 7 P1.6 (RD) I/O LVCMOS DVCC OFF UCB0SIMO I/O LVCMOS DVCC N/A UCB0SDA I/O LVCMOS DVCC N/A 8 P1.7 (RD) I/O LVCMOS DVCC OFF UCB0SOMI I/O LVCMOS DVCC N/A UCB0SCL I/O LVCMOS DVCC N/A 9 VCORE – Power DVCC N/A 10 DVCC1 – Power N/A N/A 11 VSW – Power N/A N/A 12 DVSS1 – Power N/A N/A 13 P2.0 (RD) I/O LVCMOS DVCC OFF PM_UCA1STE I/O LVCMOS DVCC N/A 14 P2.1 (RD) I/O LVCMOS DVCC OFF PM_UCA1CLK I/O LVCMOS DVCC N/A 15 P2.2 (RD) I/O LVCMOS DVCC OFF PM_UCA1RXD I LVCMOS DVCC N/A PM_UCA1SOMI I/O LVCMOS DVCC N/A 16 P2.3 (RD) I/O LVCMOS DVCC OFF PM_UCA1TXD O LVCMOS DVCC N/A PM_UCA1SIMO I/O LVCMOS DVCC N/A |