| データシートサーチシステム |
|
MSP432P411VIPZ データシート(PDF) 26 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MSP432P411VIPZ データシート(HTML) 26 Page - Texas Instruments |
|
26 / 212 page ![]() 26 MSP432P4111, MSP432P4011, MSP432P411Y MSP432P401Y, MSP432P411V, MSP432P401V SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018 www.ti.com Submit Documentation Feedback Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V Terminal Configuration and Functions Copyright © 2017–2018, Texas Instruments Incorporated Table 4-3. Signal Descriptions (continued) FUNCTION SIGNAL NAME SIGNAL NO. (1) SIGNAL TYPE (2) DESCRIPTION PZ RGC GPIO Port 10 P10.0 100 N/A I/O General-purpose digital I/O P10.1 1 N/A I/O General-purpose digital I/O P10.2 2 N/A I/O General-purpose digital I/O P10.3 3 N/A I/O General-purpose digital I/O P10.4 24 N/A I/O General-purpose digital I/O P10.5 25 N/A I/O General-purpose digital I/O GPIO Port J PJ.0 41 28 I/O General-purpose digital I/O PJ.1 42 29 I/O General-purpose digital I/O PJ.2 85 54 I/O General-purpose digital I/O PJ.3 86 55 I/O General-purpose digital I/O PJ.4 92 61 I/O General-purpose digital I/O PJ.5 93 62 I/O General-purpose digital I/O I2C UCB0SCL 11 8 I/O I2C clock in eUSCI_B0 I2C mode UCB0SDA 10 7 I/O I2C data in eUSCI_B0 I2C mode UCB1SCL 79 N/A I/O I2C clock in eUSCI_B1 I2C mode UCB1SDA 78 N/A I/O I2C data in eUSCI_B1 I2C mode UCB3SCL 3 N/A I/O I2C clock in eUSCI_B3 I2C mode UCB3SCL 81 50 I/O I2C clock in eUSCI_B3 I2C mode UCB3SDA 2 N/A I/O I2C data in eUSCI_B3 I2C mode UCB3SDA 80 49 I/O I2C data in eUSCI_B3 I2C mode Port Mapper PM_C0OUT 89 58 O Default mapping: Comparator_E0 output PM_C1OUT 90 59 O Default mapping: Comparator_E1 output PM_DMAE0 88 57 I Default mapping: DMA external trigger input PM_SMCLK 88 57 O Default mapping: SMCLK clock output PM_TA0.0 91 60 I/O Default mapping: TA0 CCR0 capture: CCI0A input, compare: Out0 PM_TA0.1 20 N/A I/O Default mapping: TA0 CCR1 capture: CCI1A input, compare: Out1 PM_TA0.2 21 N/A I/O Default mapping: TA0 CCR2 capture: CCI2A input, compare: Out2 PM_TA0.3 22 N/A I/O Default mapping: TA0 CCR3 capture: CCI3A input, compare: Out3 PM_TA0.4 23 N/A I/O Default mapping: TA0 CCR4 capture: CCI4A input, compare: Out4 PM_TA0CLK 89 58 I Default mapping: TA0 input clock PM_TA1.2 28 N/A I/O Default mapping: TA1 CCR2 capture: CCI2A input, compare: Out2 PM_TA1.3 27 N/A I/O Default mapping: TA1 CCR3 capture: CCI3A input, compare: Out3 PM_TA1.4 26 N/A I/O Default mapping: TA1 CCR4 capture: CCI4A input, compare: Out4 PM_TA1CLK 90 59 I Default mapping: TA1 input clock |