| データシートサーチシステム |
|
MSP432P411VIPZ データシート(PDF) 189 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MSP432P411VIPZ データシート(HTML) 189 Page - Texas Instruments |
|
189 / 212 page ![]() 189 MSP432P4111, MSP432P4011, MSP432P411Y MSP432P401Y, MSP432P411V, MSP432P401V www.ti.com SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018 Submit Documentation Feedback Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V Detailed Description Copyright © 2017–2018, Texas Instruments Incorporated (1) X = Don't care (2) Setting PJSEL1.3 = 0 and PJSEL0.3 = 1 causes the general-purpose I/O to be disabled. When HFXTBYPASS = 0, PJ.2 and PJ.3 are configured for crystal operation and PJSEL1.2 and PJSEL0.2 are don't care. When HFXTBYPASS = 1, PJ.3 is configured for bypass operation and PJ.2 is configured as general-purpose I/O. (3) When PJ.3 is configured in bypass mode, PJ.2 is configured as general-purpose I/O. (4) With PJSEL0.2 = 1 or PJSEL1.2 = 1 the general-purpose I/O functionality is disabled. No input function is available. When configured as output, the pin is actively pulled to zero. Table 6-85. Port PJ (PJ.2 and PJ.3) Pin Functions PIN NAME (PJ.x) x FUNCTION CONTROL BITS OR SIGNALS (1) PJDIR.x PJSEL1.2 PJSEL0.2 PJSEL1.3 PJSEL0.3 HFXT BYPASS PJ.3/HFXIN 3 PJ.3 (I/O) I: 0; O: 1 X X 0 0 X N/A 0 X X 1 X X DVSS 1 HFXIN crystal mode (2) X X X 0 1 0 HFXIN bypass mode (2) X X X 0 1 1 PJ.2/HFXOUT 2 PJ.2 (I/O) I: 0; O: 1 0 0 0 0 0 1 X X X 1 (3) N/A 0 See (4) See (4) 0 0 0 1 X X X 1 (3) DVSS 1 See (4) See (4) 0 0 0 1 X X X 1 (3) HFXOUT crystal mode (2) X X X 0 1 0 |