| データシートサーチシステム |
|
BLUENRG-2 データシート(PDF) 120 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BLUENRG-2 データシート(HTML) 120 Page - STMicroelectronics |
|
120 / 190 page ![]() Functional details BlueNRG-2 120/190 DocID030675 Rev 2 Table 148: GPIO – IC register description: address offset GPIO_BASE_ADDR+0x28 Bit Field name Reset RW Description 31:0 IC 0x00000000 W Interrupt clear register (1 bit per IO). 0: No effect 1: Clear interrupt Table 149: GPIO - MODE0 register description: address offset GPIO_BASE_ADDR+0x2C Bit Field name Reset RW Description 2:0 IO0 0x0 RW IO0 mode 3 RESERVED 0x0 R RESERVED 6:4 IO1 0x0 RW IO1 mode 7 RESERVED 0x0 R RESERVED 10:8 IO2 0x0 RW IO2 mode 11 RESERVED 0x0 R RESERVED 14:12 IO3 0x0 RW IO3 mode 15 RESERVED 0x0 R RESERVED 18:16 IO4 0x0 RW IO4 mode 19 RESERVED 0x0 R RESERVED 22:20 IO5 0x0 RW IO5 mode 23 RESERVED 0x0 R RESERVED 26:24 IO6 0x0 RW IO6 mode 27 RESERVED 0x0 R RESERVED 30:28 IO7 0x0 RW IO7 mode 31 RESERVED 0x0 R RESERVED Table 150: GPIO – MODE1 register description: address offset GPIO_BASE_ADDR+0x30 Bit Field name Reset RW Description 2:0 IO8 0x0 RW IO8 mode 3 RESERVED 0x0 R RESERVED 6:4 IO9 0x1 RW IO9 mode 7 RESERVED 0x0 R RESERVED 10:8 IO10 0x1 RW IO10 mode 11 RESERVED 0x0 R RESERVED 14:12 IO11 0x0 RW IO11 mode 15 RESERVED 0x0 R RESERVED 18:16 IO12 0x0 RW IO12 mode 19 RESERVED 0x0 R RESERVED 22:20 IO13 0x0 RW IO13 mode 23 RESERVED 0x0 R RESERVED |