データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BLUENRG-2 データシート(PDF) 16 Page - STMicroelectronics

部品番号 BLUENRG-2
部品情報  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 データシート(HTML) 16 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 12Page - STMicroelectronics BLUENRG-2 Datasheet HTML 13Page - STMicroelectronics BLUENRG-2 Datasheet HTML 14Page - STMicroelectronics BLUENRG-2 Datasheet HTML 15Page - STMicroelectronics BLUENRG-2 Datasheet HTML 16Page - STMicroelectronics BLUENRG-2 Datasheet HTML 17Page - STMicroelectronics BLUENRG-2 Datasheet HTML 18Page - STMicroelectronics BLUENRG-2 Datasheet HTML 19Page - STMicroelectronics BLUENRG-2 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 190 page
background image
Functional details
BlueNRG-2
16/190
DocID030675 Rev 2
Position
Priority
Priority type
Description
Address
-1
Fixed
HardFault handler
0x0000_000C
RESERVED
0x0000_000C
– 0x0000_0028
3
Settable
SVC handler
0x0000_002C
RESERVED
0x0000_0030 - 0x0000_0034
5
Settable
PendSV handler
0x0000_0038
6
Settable
SystemTick handler
0x0000_003C
0
Init 0
Settable
GPIO interrupt
0x0000_0040
1
Init 0
Settable
FLASH controller interrupt
0x0000_0044
2
Init 0
Settable
RESERVED
0x0000_0048
3
Init 0
Settable
RESERVED
0x0000_004C
4
Init 0
Settable
UART interrupt
0x0000_0050
5
Init 0
Settable
SPI interrupt
0x0000_0054
6
Init 0
CRITICAL
BLE controller interrupt
0x0000_0058
7
Init 0
Settable
Watchdog interrupt
0x0000_005C
8
Init 0
Settable
RESERVED
0x0000_0060
9
Init 0
Settable
RESERVED
0x0000_0064
10
Init 0
Settable
RESERVED
0x0000_0068
11
Init 0
Settable
RESERVED
0x0000_006C
12
Init 0
Settable
RESERVED
0x0000_0070
13
Init 0
Settable
ADC interrupt
0x0000_0074
14
Init 0
Settable
I2C 2 interrupt
0x0000_0078
15
Init 0
Settable
I2C 1 interrupt
0x0000_007C
16
Init 0
Settable
RESERVED
0x0000_0080
17
Init 0
Settable
MFT1 A interrupt
0x0000_0084
18
Init 0
Settable
MFT1 B interrupt
0x0000_0088
19
Init 0
Settable
MFT2 A interrupt
0x0000_008C
20
Init 0
Settable
MFT2 B interrupt
0x0000_0090
21
Init 0
Settable
RTC interrupt
0x0000_0094
22
Init 0
Settable
PKA interrupt
0x0000_0098
23
Init 0
Settable
DMA interrupt
0x0000_009C
24
– 31
Init 0
Settable
RESERVED
0x0000_00A0
– 0x0000_00BC
3.3
Memories
The memory subsystem consists 256 KB Flash memory and two banks of 12 KB ultra-low
leakage static RAM blocks.
The 256 KB Flash memory is available to the user and can be accessed per 32-bit for read
access and per 32-bit for write access (with 4x32-bit FIFO).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More