データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CX28331 データシート(PDF) 38 Page - Synaptics Incorporated.

部品番号 CX28331
部品情報  Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CONEXANT [Synaptics Incorporated.]
ホームページ  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX28331 データシート(HTML) 38 Page - Synaptics Incorporated.

Back Button CX28331 Datasheet HTML 34Page - Synaptics Incorporated. CX28331 Datasheet HTML 35Page - Synaptics Incorporated. CX28331 Datasheet HTML 36Page - Synaptics Incorporated. CX28331 Datasheet HTML 37Page - Synaptics Incorporated. CX28331 Datasheet HTML 38Page - Synaptics Incorporated. CX28331 Datasheet HTML 39Page - Synaptics Incorporated. CX28331 Datasheet HTML 40Page - Synaptics Incorporated. CX28331 Datasheet HTML 41Page - Synaptics Incorporated. CX28331 Datasheet HTML 42Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 68 page
background image
2.0 Functional Description
CX28331/CX28332/CX28333
2.2 Transmitter
Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit
2-6
Conexant
100985A
Figure 2-5. Transmit Pulse Mask for STS-1 Rates
Transmit Pulse Mask for STS-1 Rates
1
0.5
0
0.5
1
1.5
Normalized Symbol Time
1.2
1
0.8
0.6
0.4
0.2
0
0.2
100985_014
Table 2-2. STS-1 Transmit Template Specifications
Time Axis Range (T)
Normalized Amplitude Equation
Upper Curve
–0.85
≤ T ≤ –0.68
0.03
–0.68
≤ T ≤ 0.26
0.03 + 0.5{1 + sin[(pi / 2)(1 + T / 0.34)]}
0.26
≤ T ≤ 1.4
0.1 + 0.61 e –2.4(T – 0.26)
Lower Curve
–0.85
≤ T ≤ –0.38
–0.03
–0.38
≤ T ≤ 0.36
–0.03 + 0.5{1 + sin[(pi / 2)(1 + T / 0.18)]}
0.36
≤ T ≤ 1.4
0.03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68