| データシートサーチシステム |
|
CX28331 データシート(PDF) 41 Page - Synaptics Incorporated. |
|
|
|||||||||||||||||||||||||||||
CX28331 データシート(HTML) 41 Page - Synaptics Incorporated. |
|
41 / 68 page ![]() CX28331/CX28332/CX28333 2.0 Functional Description Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit 2.2 Transmitter 100985A Conexant 2-9 2.2.6 Jitter Generation (Intrinsic) The CX2833i device meets the jitter generation requirements for various rates with large margins, with the condition that the input transmit clock (TCLK) is jitter-free. Data rates and jitter generation requirements are defined in the following documents: • E3 rate—ETSI TBR24, ITU-T 9.823 • DS3 rate—Bellcore Telecardia GR499, AT&T Accunet TR54014, ITU-T 9.824 • STS-1 rate—Bellcore Telecardia GR253 |