データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9680 データシート(PDF) 122 Page - STMicroelectronics

部品番号 L9680
部品情報  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 データシート(HTML) 122 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 118Page - STMicroelectronics L9680 Datasheet HTML 119Page - STMicroelectronics L9680 Datasheet HTML 120Page - STMicroelectronics L9680 Datasheet HTML 121Page - STMicroelectronics L9680 Datasheet HTML 122Page - STMicroelectronics L9680 Datasheet HTML 123Page - STMicroelectronics L9680 Datasheet HTML 124Page - STMicroelectronics L9680 Datasheet HTML 125Page - STMicroelectronics L9680 Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 277 page
background image
SPI interfaces
L9680
122/277
DocID029257 Rev 1
RSPTEN
0
0
0 Pass Through mode Enable (only for PWM 2-edges sensors)
0 Off
1 On
AVG/SSDIS
000 WSx output pulses disabled in case of Standstill condition
(valid only for PWM Encoded 2 edges sensors)
0 WSx enabled during Standstill
1 WSx disabled during Standstill
STSx[3:0] 0000 0000 0000 Sensor Type Selection
0000 NA
0001 NA
0010 NA
0011 NA
0100 unused (default automatically selected)
0101 unused (default automatically selected)
0110 unused (default automatically selected)
0111 unused (default automatically selected)
1000 Two-Level, Standard
1001 Three-Level, VDA
1010 PWM Encoded, 2-Level, 2 edges/tooth
1011 PWM Encoded, 2-Level, 1 edge/tooth
1100 unused (default automatically selected)
1101 unused (default automatically selected)
1110 unused (default automatically selected)
1111 unused (default automatically selected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More