| データシートサーチシステム |
|
L9680 データシート(PDF) 134 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9680 データシート(HTML) 134 Page - STMicroelectronics |
|
134 / 277 page ![]() SPI interfaces L9680 134/277 DocID029257 Rev 1 9500 (SAF_REQ_TARGET_3) 9600 (SAF_REQ_TARGET_4) 9700 (SAF_REQ_TARGET_5) 9800 (SAF_REQ_TARGET_6) 9900 (SAF_REQ_TARGET_7) 9A00 (SAF_REQ_TARGET_8) 9B00 (SAF_REQ_TARGET_9) 9C00 (SAF_REQ_TARGET_10) 9D00 (SAF_REQ_TARGET_11) 9E00 (SAF_REQ_TARGET_12) 9F00 (SAF_REQ_TARGET_13) A000 (SAF_REQ_TARGET_14_pt1 A100 (SAF_REQ_TARGET_14_pt2) A200 (SAF_REQ_TARGET_15_pt1) A300 (SAF_REQ_TARGET_15_pt2) A400 (SAF_REQ_TARGET_16_pt1) A500 (SAF_REQ_TARGET_16_pt2) Write: 8026 (SAF_REQ_TARGET_1) 8028 (SAF_REQ_TARGET_2) 802A (SAF_REQ_TARGET_3) 802C (SAF_REQ_TARGET_4) 802E (SAF_REQ_TARGET_5) 8030 (SAF_REQ_TARGET_6) 8032 (SAF_REQ_TARGET_7) 8034 (SAF_REQ_TARGET_8) 8036 (SAF_REQ_TARGET_9) 8038 (SAF_REQ_TARGET_10) 803A (SAF_REQ_TARGET_11) 803C (SAF_REQ_TARGET_12) 803E (SAF_REQ_TARGET_13) 8040 (SAF_REQ_TARGET_14_pt1 8042 (SAF_REQ_TARGET_14_pt2) 8044 (SAF_REQ_TARGET_15_pt1) 8246 (SAF_REQ_TARGET_15_pt2) 8048 (SAF_REQ_TARGET_16_pt1) 804A (SAF_REQ_TARGET_16_pt2) SAF_REQ_TARGET[15:0 $0000$0000$0000Safing Request target for safing record x - 16-bit request target that is compared to the bit-wise AND result of the SAF_REQ_MASKx and MOSI data from SPI monitor Updated by SSM_RESET or SPI write while in DIAG state |