データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9680 データシート(PDF) 189 Page - STMicroelectronics

部品番号 L9680
部品情報  Automotive advanced airbag IC for mid/high end applications
PDF  277 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680 データシート(HTML) 189 Page - STMicroelectronics

Back Button L9680 Datasheet HTML 185Page - STMicroelectronics L9680 Datasheet HTML 186Page - STMicroelectronics L9680 Datasheet HTML 187Page - STMicroelectronics L9680 Datasheet HTML 188Page - STMicroelectronics L9680 Datasheet HTML 189Page - STMicroelectronics L9680 Datasheet HTML 190Page - STMicroelectronics L9680 Datasheet HTML 191Page - STMicroelectronics L9680 Datasheet HTML 192Page - STMicroelectronics L9680 Datasheet HTML 193Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 277 page
background image
DocID029257 Rev 1
189/277
L9680
Watchdog timers
276
10.2
Algorithmic watchdog (WD2)
The algorithmic watchdog (WD2) is intended to protect higher software layers, and as such
requires servicing at a much slower rate and allows for software jitter as compared with
WD1. Additionally, WD2 is not implemented as a window watchdog, but is a maximum-time
watchdog, where refresh is accepted at any time before the timer expires.
The overall WD2 functionality is described in the following state diagram:
Figure 47. Algorithmic watchdog timer flow diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More