データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPBTLE-1S データシート(PDF) 24 Page - STMicroelectronics

部品番号 SPBTLE-1S
部品情報  Very low power application processor module for Bluetooth® Low Energy v4.2
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBTLE-1S データシート(HTML) 24 Page - STMicroelectronics

Back Button SPBTLE-1S Datasheet HTML 19Page - STMicroelectronics SPBTLE-1S Datasheet HTML 20Page - STMicroelectronics SPBTLE-1S Datasheet HTML 21Page - STMicroelectronics SPBTLE-1S Datasheet HTML 22Page - STMicroelectronics SPBTLE-1S Datasheet HTML 23Page - STMicroelectronics SPBTLE-1S Datasheet HTML 24Page - STMicroelectronics SPBTLE-1S Datasheet HTML 25Page - STMicroelectronics SPBTLE-1S Datasheet HTML 26Page - STMicroelectronics SPBTLE-1S Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
ECOPACK®
SPBTLE-1S
24/27
DocID030445 Rev 3
9
ECOPACK®
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance.
ECOPACK® specifications, grade definitions and product status are available at:
www.st.com. ECOPACK® is an ST trademark.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27