データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPBTLE-1S データシート(PDF) 25 Page - STMicroelectronics

部品番号 SPBTLE-1S
部品情報  Very low power application processor module for Bluetooth® Low Energy v4.2
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBTLE-1S データシート(HTML) 25 Page - STMicroelectronics

Back Button SPBTLE-1S Datasheet HTML 19Page - STMicroelectronics SPBTLE-1S Datasheet HTML 20Page - STMicroelectronics SPBTLE-1S Datasheet HTML 21Page - STMicroelectronics SPBTLE-1S Datasheet HTML 22Page - STMicroelectronics SPBTLE-1S Datasheet HTML 23Page - STMicroelectronics SPBTLE-1S Datasheet HTML 24Page - STMicroelectronics SPBTLE-1S Datasheet HTML 25Page - STMicroelectronics SPBTLE-1S Datasheet HTML 26Page - STMicroelectronics SPBTLE-1S Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
SPBTLE-1S
Traceability
DocID030445 Rev 3
25/27
10
Traceability
Each module is univocally identified by serial number stored in a 2D data matrix laser
marked on the bottom side of the module itself or on top of the module shieldThe serial
number has the following format:
Table 10: Traceability information
Letter
Meaning
WW
Week
YY
Year
D
Product ID family
FF
Production panel coordinate identification
NNN
Progressive serial number
Each module bulk is identified by a bulk ID.
BULK ID and module 2D data matrix are linked by a reciprocal traceability link.
The module 2D data matrix traces the lot number of any raw material used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27