| データシートサーチシステム |
|
SPWF04SC データシート(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPWF04SC データシート(HTML) 22 Page - STMicroelectronics |
|
22 / 27 page ![]() Regulatory compliance SPWF04SA, SPWF04SC 22/27 DocID029757 Rev 5 Modular approval, FCC and IC FCC ID: S9NSPWFS04 IC: 8976C-SPWFS04 In accordance with FCC part 15, the modules SPWF04SA and SPWF04SC are listed above as a modular transmitter device. Labeling instructions When integrating the SPWF04SA and SPWF04SC into the final product, it must be ensured that the FCC labeling requirements specified below are satisfied. Based on the Public Notice from FCC, the product into which the ST transmitter module is installed must display a label referring to the enclosed module. The label should use wording like the following: Contains Transmitter Module FCC ID: S9NSPWFS04 IC: 8976C-SPWFS04 Any similar wording that expresses the same meaning may also be used. 10.2.2 CE This module complies with the following European EMI/EMC and safety directives and standards: EN 301 489-17 V3.1.1 (2017-02) EN 301 489-1 V2.1.1 (2017-02) EN 60950-1:2006 + A11:2009 + A1:2010 + A12:2011 + A2:2013 EN 62479:2010 EN 300 328 V2.1.1 (2016-11) The module is provided by CE marking: Figure 10: CE label For additional information please refer to: STMicroelectronics Via C. Olivetti , 2 Agrate Brianza 20864 (ITALY) The SPWF04SA / (SPWF04SC) module current production firmware release is: 1.x (If needed, for module firmware update please refer to www.st.com) |