データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPWF04SC データシート(PDF) 25 Page - STMicroelectronics

部品番号 SPWF04SC
部品情報  Standalone and Serial-to-Wi-Fi b/g/n intelligent modules
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPWF04SC データシート(HTML) 25 Page - STMicroelectronics

Back Button SPWF04SC Datasheet HTML 19Page - STMicroelectronics SPWF04SC Datasheet HTML 20Page - STMicroelectronics SPWF04SC Datasheet HTML 21Page - STMicroelectronics SPWF04SC Datasheet HTML 22Page - STMicroelectronics SPWF04SC Datasheet HTML 23Page - STMicroelectronics SPWF04SC Datasheet HTML 24Page - STMicroelectronics SPWF04SC Datasheet HTML 25Page - STMicroelectronics SPWF04SC Datasheet HTML 26Page - STMicroelectronics SPWF04SC Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
SPWF04SA, SPWF04SC
Ordering information
DocID029757 Rev 5
25/27
12
Ordering information
Table 13: Ordering information
Order codes
Description
SPWF04SA
Wi-Fi module with integrated antenna and protocol stack
SPWF04SC
Wi-Fi module with integrated U.FL connector and protocol stack
Note: Refer to the UM2114 for a complete list of stack features and commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27