| データシートサーチシステム |
|
UM2153 データシート(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM2153 データシート(HTML) 1 Page - STMicroelectronics |
|
1 / 57 page ![]() June 2017 DocID030118 Rev 3 1/57 1 UM2153 User manual Discovery kit for IoT node, multi-channel communication with STM32L4 Introduction The STM32L4 Discovery kit for the IoT node (B-L475E-IOT01A) allows users to develop applications with direct connection to cloud servers. The STM32L4 Discovery kit enables a wide diversity of applications by exploiting low-power multilink communication (BLE, Sub-GHz), multiway sensing (detection, environmental awareness) and ARM® Cortex®-M4 core-based STM32L4 Series features. Arduino™ Uno V3 and PMOD connectivity provide unlimited expansion capabilities with a large choice of specialized add-on boards. The STM32L4 Discovery kit includes an ST-LINK debugger/programmer and comes with the comprehensive STM32Cube software libraries together with packaged software examples to seamlessly connect to cloud servers. In addition a direct access to the ARM® mbed Enabled™ on-line resources at http://mbed.org is available. Figure 1. B-L475E-IOT01A Discovery kit 1. Picture is not contractual. www.st.com |
同様の部品番号 - UM2153 |
|
同様の説明 - UM2153 |