データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM2153 データシート(PDF) 30 Page - STMicroelectronics

部品番号 UM2153
部品情報  Discovery kit for IoT node, multi-channel communicationwith STM32L4
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2153 データシート(HTML) 30 Page - STMicroelectronics

Back Button UM2153 Datasheet HTML 26Page - STMicroelectronics UM2153 Datasheet HTML 27Page - STMicroelectronics UM2153 Datasheet HTML 28Page - STMicroelectronics UM2153 Datasheet HTML 29Page - STMicroelectronics UM2153 Datasheet HTML 30Page - STMicroelectronics UM2153 Datasheet HTML 31Page - STMicroelectronics UM2153 Datasheet HTML 32Page - STMicroelectronics UM2153 Datasheet HTML 33Page - STMicroelectronics UM2153 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 57 page
background image
Connectors
UM2153
30/57
DocID030118 Rev 3
8
Connectors
Nine connectors are implemented on the STM32L4 Discovery kit for IoT node:
•
CN1, CN2, CN3 and CN4 for Arduino Uno V3 connector
•
CN5: Tag connector
•
CN7: ST-LINK USB connector,
•
CN8: ST-LINK debug connector,
•
CN9: USB_OTG_FS connector,
•
CN10: PMOD connector.
In addition, one jumper JP5 is used for IDD measurements.
8.1
Arduino Uno V3 connectors
CN1, CN2, CN3 and CN4 are female connectors (SMD component devices) compatible with
Arduino Uno V3. Most shields designed for Arduino can fit to the STM32L4 Discovery kit for
IoT node.
Example connector references (see Figure 17):
•
CN4: Header 6X1_Female_SMD
•
CN3: Header 8X1_Female_SMD
•
CN2: Header 8X1_Female_SMD
•
CN1: Header 10X1_Female_SMD
Figure 17. Arduino connector (front view)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57