| データシートサーチシステム |
|
LTE-R38386AS-S データシート(PDF) 8 Page - Lite-On Technology Corporation |
|
|
|||||||||||||||||||||||||||||
LTE-R38386AS-S データシート(HTML) 8 Page - Lite-On Technology Corporation |
|
8 / 8 page ![]() 7/7 Part No. : LTE-R38386AS-S BNS-OD-FC 002/A4 IR Emitter and Detector LTE-R38386AS-S 8.5. Drive Method An LED is a current-operated device. In order to ensure intensity uniformity on multiple LEDs connected in parallel in an application, it is recommended that a current limiting resistor be incorporated in the drive circuit, in series with each LED as shown in Circuit A below. Circuit model (A) Circuit model (B) LED LED (A) Recommended circuit (B) The brightness of each LED might appear different due to the differences in the I-V characteristics of those LEDs. 9. Others The appearance and specifications of the product may be modified for improvement, without prior notice. |