| データシートサーチシステム |
|
SSW-LLG データシート(PDF) 5 Page - DOMINANT Semiconductors |
|
|
|||||||||||||||||||||||||||||
SSW-LLG データシート(HTML) 5 Page - DOMINANT Semiconductors |
|
5 / 17 page ![]() 25/08/2017 V3.0 5 InGaN wavelength is very sensitive to drive current. Operating at lower current is not recommended and may yield unpredictable performance. Current pulsing should be used for dimming purposes. Bin 0.3219 0.3154 0.3209 0.3281 0.3196 0.3451 0.3183 0.3621 0.3170 0.3791 0.3335 0.3172 0.3339 0.3336 0.3341 0.3472 0.3349 0.3830 0.3353 0.4006 0.3447 0.3347 0.3465 0.3530 0.3479 0.3673 0.3517 0.4053 0.3536 0.4243 Cx Cy Cx Cy Cx Cy Cx Cy Cx Cy Cx Cy Cx Cy Cx Cy Cx Cy Cx Cy Cx Cy Cx Cy Cx Cy Cx Cy Cx Cy 0.3231 0.3008 0.3219 0.3154 0.3209 0.3281 0.3349 0.3830 0.3353 0.4006 0.3339 0.3336 0.3341 0.3472 0.3345 0.3654 0.3517 0.4053 0.3536 0.4243 0.3465 0.3530 0.3479 0.3673 0.3498 0.3863 0.3687 0.4276 0.3719 0.4473 0.3335 0.3172 0.3339 0.3336 0.3341 0.3472 0.3345 0.3654 0.3349 0.3830 0.3465 0.3530 0.3479 0.3673 0.3498 0.3863 0.3498 0.3863 0.3517 0.4053 0.3599 0.3735 0.3623 0.3882 0.3655 0.4079 0.3655 0.4079 0.3687 0.4276 0.3339 0.3336 0.3341 0.3472 0.3345 0.3654 0.3196 0.3451 0.3183 0.3621 0.3447 0.3347 0.3465 0.3530 0.3479 0.3673 0.3345 0.3654 0.3349 0.3830 0.3567 0.3535 0.3599 0.3735 0.3623 0.3882 0.3498 0.3863 0.3517 0.4053 1 2 3 4 M1 M2 M3 M4 M5 N1 N2 N3 N4 N5 P1 P2 P3 P4 P5 SSW-LLG-F1P5-I5 DOMINANT Opto Technologies Innovating Illumination TM |