| データシートサーチシステム |
|
SSW-LLG データシート(PDF) 9 Page - DOMINANT Semiconductors |
|
|
|||||||||||||||||||||||||||||
SSW-LLG データシート(HTML) 9 Page - DOMINANT Semiconductors |
|
9 / 17 page ![]() 25/08/2017 V3.0 9 SpiceLED • InGaN White S-Spice : SSW-LLG-F1P5-I5 Package Outlines Material Material Lead-frame Package Cu Alloy With NiPdAu Plating High Temperature Resistant Epoxy Resin Note: product is Pb free SSW-LLG-F1P5-I5 DOMINANT Opto Technologies Innovating Illumination TM Notes: The center pad is a common cathode. Please take care during soldering to avoid shorting. Primary thermal path is through Cathode lead of LED package. General Tolerance ±0.10 23/08/2016 V1.0 9 SpiceLEDTM • InGaN White S-Spice : SSW-LLG-F1P5-I5 Package Outlines Material Material Lead-frame Package Cu Alloy With NiPdAu Plating High Temperature Resistant Epoxy Resin Note: product is Pb free SSW-LLG-F1P5-I5 DOMINANT Opto Technologies Innovating Illumination TM Notes: The center pad is a common cathode. Please take care during soldering to avoid shorting. Primary thermal path is through Cathode lead of LED package. |