データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AP6A100M データシート(PDF) 3 Page - Advanced Power Electronics Corp.

部品番号 AP6A100M
部品情報  DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  A-POWER [Advanced Power Electronics Corp.]
ホームページ  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP6A100M データシート(HTML) 3 Page - Advanced Power Electronics Corp.

  AP6A100M Datasheet HTML 1Page - Advanced Power Electronics Corp. AP6A100M Datasheet HTML 2Page - Advanced Power Electronics Corp. AP6A100M Datasheet HTML 3Page - Advanced Power Electronics Corp. AP6A100M Datasheet HTML 4Page - Advanced Power Electronics Corp. AP6A100M Datasheet HTML 5Page - Advanced Power Electronics Corp. AP6A100M Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AP6A100M
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
3
0
4
8
12
16
20
01
23
45
V DS , Drain-to-Source Voltage (V)
T A =25
o C
10V
7.0V
6.0V
5.0V
V G = 4.0V
0
2
4
6
8
10
12
02
46
8
V DS , Drain-to-Source Voltage (V)
10V
7.0V
6.0V
5.0V
V G = 4.0V
T A = 150
o C
60
64
68
72
76
80
246
8
10
V GS , Gate-to-Source Voltage (V)
I D =2A
T A =25
o C
0.4
0.8
1.2
1.6
2.0
2.4
2.8
-100
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D =3 A
V G =10V
0
2
4
6
8
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =150
o C
0.0
0.4
0.8
1.2
1.6
2.0
-100
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D =1mA
.



Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com