データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AP6A100M データシート(PDF) 1 Page - Advanced Power Electronics Corp.

部品番号 AP6A100M
部品情報  DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  A-POWER [Advanced Power Electronics Corp.]
ホームページ  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP6A100M データシート(HTML) 1 Page - Advanced Power Electronics Corp.

  AP6A100M Datasheet HTML 1Page - Advanced Power Electronics Corp. AP6A100M Datasheet HTML 2Page - Advanced Power Electronics Corp. AP6A100M Datasheet HTML 3Page - Advanced Power Electronics Corp. AP6A100M Datasheet HTML 4Page - Advanced Power Electronics Corp. AP6A100M Datasheet HTML 5Page - Advanced Power Electronics Corp. AP6A100M Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Advanced Power
DUAL N-CHANNEL ENHANCEMENT
Electronics Corp.
MODE POWER MOSFET
▼ Simple Drive Requirement
BVDSS
60V
▼ Small Package Outline
RDS(ON)
100mΩ
▼ Surface Mount Device
ID
3
3.3A
▼ RoHS Compliant & Halogen-Free
Description
Absolute Maximum Ratings@Tj=25
oC(unless otherwise specified)
Symbol
Units
VDS
V
VGS
V
ID@TA=25℃
A
ID@TA=70℃
A
IDM
A
PD@TA=25℃
W
TSTG
TJ
Symbol
Value
Unit
Rthj-a
Maximum Thermal Resistance, Junction-ambient
3
62.5
℃/W
Data and specifications subject to change without notice
Thermal Data
Parameter
Storage Temperature Range
Total Power Dissipation
2
-55 to 150
Operating Junction Temperature Range
-55 to 150
Drain Current, VGS @ 10V
3
2.7
Pulsed Drain Current
1
20
Gate-Source Voltage
+20
Drain Current, VGS @ 10V
3
3.3
Parameter
Rating
Drain-Source Voltage
60
201611221
1
AP6A100M
Halogen-Free Product
AP6A100 series are from Advanced Power innovated design and
silicon process technology to achieve the lowest possible on-
resistance and fast switching performance. It provides the
designer with an extreme efficient device for use in a wide range
of power applications.
The SO-8 package is widely preferred for all commercial-
industrial surface mount applications using infrared reflow
technique
and
suited
for
voltage
conversion
or
switch
applications.
S1
G1
S2
G2
D1
D1
D2
D2
SO-8
G2
D2
S2
G1
D1
S1
.


同様の部品番号 - AP6A100M

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
AP6A255Q DIODES-AP6A255Q Datasheet
397Kb / 2P
80V/100V, 2.5A/3.5A, Asynchronous Buck Converters Deliver High Efficiency in Automotive Point-of-Load Applications
August 2025
AP6A255QSP-13 DIODES-AP6A255QSP-13 Datasheet
397Kb / 2P
80V/100V, 2.5A/3.5A, Asynchronous Buck Converters Deliver High Efficiency in Automotive Point-of-Load Applications
August 2025
AP6A355Q DIODES-AP6A355Q Datasheet
397Kb / 2P
80V/100V, 2.5A/3.5A, Asynchronous Buck Converters Deliver High Efficiency in Automotive Point-of-Load Applications
August 2025
AP6A355QSP-13 DIODES-AP6A355QSP-13 Datasheet
397Kb / 2P
80V/100V, 2.5A/3.5A, Asynchronous Buck Converters Deliver High Efficiency in Automotive Point-of-Load Applications
August 2025
More results

同様の説明 - AP6A100M

メーカー部品番号データシート部品情報
logo
GTM CORPORATION
GSS6982 GTM-GSS6982 Datasheet
482Kb / 7P
DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Cystech Electonics Corp...
MTDN9971Q8 CYSTEKEC-MTDN9971Q8 Datasheet
468Kb / 5P
Dual N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Unisonic Technologies
10NN15 UTC-10NN15_15 Datasheet
201Kb / 3P
DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Cystech Electonics Corp...
MTB60A06DH8 CYSTEKEC-MTB60A06DH8 Datasheet
580Kb / 10P
Dual N-Channel Enhancement Mode Power MOSFET
MTA020A01Q8 CYSTEKEC-MTA020A01Q8 Datasheet
455Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
MTB100A10KRQ8 CYSTEKEC-MTB100A10KRQ8 Datasheet
456Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
MTDA0A10Q8 CYSTEKEC-MTDA0A10Q8 Datasheet
454Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
MTB20A04Q8 CYSTEKEC-MTB20A04Q8 Datasheet
422Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
MTE080A10Q8 CYSTEKEC-MTE080A10Q8 Datasheet
456Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
MTB095A10KRQ8 CYSTEKEC-MTB095A10KRQ8 Datasheet
457Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com