| データシートサーチシステム |
|
KNP-RV1KHP データシート(PDF) 2 Page - Token Electronics Industry Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
KNP-RV1KHP データシート(HTML) 2 Page - Token Electronics Industry Co., Ltd. |
|
2 / 5 page ![]() Taiwan Factory: +886 2 29810109 http://www.token.com.tw rfq@token.com.tw China Factory: +86 755 26055363 Page: 1/4 Product Introduction Features : Excellent load life stability High Precision and reliability Axial ceramic-silicone coated Meets the Standards of MIL-R-26E RoHS compliant with 100% lead free Applications : Radar, Ground Vehicles Communications systems Bias supply, Current shunts, Voltage dropping Motor speed controls, Voltage divider networks Medical instrumentation and Medical implantables Token’s highest quality conformal axial terminal ceramic-silicone coated KNP-R power resistors for applications requiring high stability and precision. The KNP-R wire-wound has a low temperature coefficient and maintain a high degree of stability under demanding conditions. The power precision KNP-R series meeting MIL-R-26E (U and V characteristics) and surface temperature (hot spot) 375℃ max. Resistors with a wide range of 0.01Ω ~ 82kΩ, covering applications from precision to power. Products with lead-free terminations meet EU RoHS and China RoHS requirements. Operating temperature range is -55℃ ~ +375℃ and derated power at high ambient temperatures as according to the chart below. Token is equipped to design and produce custom components to meet many design and reliability demands. In addition to standard military-grade resistor products, we also have many resistive products designed to meet various source-controlled drawings. Contact us with your specific needs. Or link to Token official website "General Purpose Resistors" for more information. Characteristics U: 275℃ Maximum hot spot temperature. 1% Maximum ΔR in 1000 hours load life. Characteristics V: 375℃ Maximum hot spot temperature. 3% Maximum ΔR in 1000 hours load life. Power Wire Wound Resistors Boast Consistent Precision Power Operation. |