| データシートサーチシステム |
|
KNP-RV1KHP データシート(PDF) 4 Page - Token Electronics Industry Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
KNP-RV1KHP データシート(HTML) 4 Page - Token Electronics Industry Co., Ltd. |
|
4 / 5 page ![]() Taiwan Factory: +886 2 29810109 http://www.token.com.tw rfq@token.com.tw China Factory: +86 755 26055363 Page: 3/4 Electrical Performance Electrical Performance (KNP-P) Test Items Test Method Specifications Short Time Overload 2.5 times of rated voltage 5 sec. ΔR±(2%+0.05Ω) Rated Load Rated wattage 30 minutes. ΔR±(1%+0.05Ω) Voltage Withstanding 500VAC 1 minute. ΔR±(1%+0.05Ω) Insulation Resistance 500V 20MΩ Temp. Cycle -20℃ ~ 85℃ 5 cycles ΔR±(1%+0.05Ω) Soldering After Resistance 235℃ for 3 sec ΔR±(0.5%+0.05Ω) Incombustibility 16 times of rated wattage for 5 min. Not flamed Load Life +25℃, 1.5Hrs on ~ 0.5Hrs off cycle, 1000 Hrs. U: ΔR±(1%+0.05Ω) V: ΔR±(3%+0.05Ω) Application Notes Application Notes of Wire wounds (KNP-R) When being used in AC circuits, some wirewound structures give inductance ingredients or parasitic capacity, so they may cause unusual phenomena such as oscillations etc. Quorum deviations of other components should be carefully taken into account for use. Application and Placement: Wirewound resistors use different gauges of wire as resistance elements. Sometimes the gauge is extremely thin (finer than a strand of human hair) and very susceptible to breakage in environments containing salts, ash, dust and corrosives. Avoid utilization in such environments. Do not install in dusty areas because the accumulation will cause shorts and poor conductance. Order Codes Order Codes (KNP-R) KNP-R3A U 100R B P Part Number KNP-R Characteristic (℃) U 275℃ V 375℃ Resistance Value (Ω) 0R1 1.0Ω 1R 1Ω 100R 100Ω 1K 1000Ω Resistance Tolerance (%) B ±0.1% C ±0.25% D ±0.5% F ±1% G ±2% H ±3% J ±5% Package P Bulk TB Taping Box |