データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN5353MPX データシート(PDF) 13 Page - ON Semiconductor

部品番号 FAN5353MPX
部品情報  3 MHz, 3 A Synchronous Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN5353MPX データシート(HTML) 13 Page - ON Semiconductor

Back Button FAN5353MPX Datasheet HTML 7Page - ON Semiconductor FAN5353MPX Datasheet HTML 8Page - ON Semiconductor FAN5353MPX Datasheet HTML 9Page - ON Semiconductor FAN5353MPX Datasheet HTML 10Page - ON Semiconductor FAN5353MPX Datasheet HTML 11Page - ON Semiconductor FAN5353MPX Datasheet HTML 12Page - ON Semiconductor FAN5353MPX Datasheet HTML 13Page - ON Semiconductor FAN5353MPX Datasheet HTML 14Page - ON Semiconductor FAN5353MPX Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5353 • Rev. 1.0.3
12
Physical Dimensions
Figure 24. 12-Lead, 3x3.5 mm Molded Leadless Package (MLP)
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner without
notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or obtain the most
recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically the warranty
therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/dwg/ML/MLP12D.pdf.
1
3.50
3.00
A
B
PIN#1 IDENT
0.10 A
0.10 B
(0.2)
0.05
0.00
0.8 MAX
0.10 C
0.08 C
C
SIDE VIEW
TOP VIEW
BOTTOM VIEW
0.25+/-0.05 (12X)
0.50
1.60+/-0.05
2.60+/-0.05
(0.38)
0.45+/-0.05
0.10
C A B
0.05
C
2.60
2.84
1.05
1.85
2.65
0.85
0.85
LAND PATTERN RECOMMENDATION
2X
2X
0.25+/-0.05
PIN#1 IDENT
SEATING PLANE
NOTES:
A. CONFORMS TO JEDEC MO-229
VARIATION WFED-2.
B. DIMENSIONS ARE IN MILLIMETERS
C. DIMENSIONS AND TOLERANCES PER
ASME Y14.5M, 1994
D. LANDPATTERN RECOMMENDATION IS
BASED ON IPC 7351 DESIGN GUIDELINES
E. LANDPATTERN EXTENSION TO INCLUDE
CENTER PAD TABS IS OPTIONAL
F. FILENAME AND REV: MKT-MLP12DREV1
(12X)
6
7
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com