データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN5353MPX データシート(PDF) 2 Page - ON Semiconductor

部品番号 FAN5353MPX
部品情報  3 MHz, 3 A Synchronous Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN5353MPX データシート(HTML) 2 Page - ON Semiconductor

  FAN5353MPX Datasheet HTML 1Page - ON Semiconductor FAN5353MPX Datasheet HTML 2Page - ON Semiconductor FAN5353MPX Datasheet HTML 3Page - ON Semiconductor FAN5353MPX Datasheet HTML 4Page - ON Semiconductor FAN5353MPX Datasheet HTML 5Page - ON Semiconductor FAN5353MPX Datasheet HTML 6Page - ON Semiconductor FAN5353MPX Datasheet HTML 7Page - ON Semiconductor FAN5353MPX Datasheet HTML 8Page - ON Semiconductor FAN5353MPX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
December 2013
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5353 • Rev. 1.0.3
FAN5353
3 MHz, 3 A Synchronous Buck Regulator
Features
3 MHz Fixed-Frequency Operation
Best-in-Class Load Transient
3 A Output Current Capability
2.7 V to 5.5 V Input Voltage Range
Adjustable Output Voltage: 0.8 V to 90% of V
IN
Power Good Output
Internal Soft-Start
Input Under-Voltage Lockout (UVLO)
Thermal Shutdown and Overload Protection
12-Lead, 3 x 3.5 mm MLP
Applications
Set-Top Box
Hard Disk Drive
Communications Cards
DSP Power
Description
The FAN5353 is a step-down switching voltage regulator that
delivers an adjustable output from an input voltage supply of
2.7 V to 5.5 V. Using a proprietary architecture with
synchronous rectification, the FAN5353 is capable of
delivering 3 A at over 85% efficiency. The regulator operates
at a nominal fixed frequency of 3 MHz, which reduces the
value of the external components to 470 nH for the output
inductor and 10 µF for the output capacitor. Additional output
capacitance can be added without affecting stability if tighter
regulation during transients is required. The regulator
includes an open-drain power good (PGOOD) signal that
pulls low when the output is not in regulation.
In shutdown mode, the supply current drops below 1 µA,
reducing power consumption.
FAN5353 is available in a 12-lead 3x3.5 mm MLP package.
Figure 1. Typical Application
Ordering Information
Part Number
Temp. Range
Package
Packing Method
FAN5353MPX
-40 to 85°C
MLP-12, 3 x 3.5 mm
Tape and Reel
PVIN
PVIN
VCC
EN
VOUT
FB
R2
PGND
PGND
SW
SW
C
OUT
C
IN1
R1
AGND
PGOOD
C
VCC
6
5
4
3
2
1
7
8
9
10
11
12
P1
(GND)
C
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com